Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 30 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 30 Page - Texas Instruments

Back Button DM504 Datasheet HTML 26Page - Texas Instruments DM504 Datasheet HTML 27Page - Texas Instruments DM504 Datasheet HTML 28Page - Texas Instruments DM504 Datasheet HTML 29Page - Texas Instruments DM504 Datasheet HTML 30Page - Texas Instruments DM504 Datasheet HTML 31Page - Texas Instruments DM504 Datasheet HTML 32Page - Texas Instruments DM504 Datasheet HTML 33Page - Texas Instruments DM504 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
30
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
T5
vout1_d19
vout1_d19
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
vin2a_d11
2
I
0
mcasp1_axr11
4
IO
0
vin2b_d3
5
I
0
emu15
6
O
gpio3_12
14
IO
Driver off
mcasp2_axr1
15
I
R5
vout1_d20
vout1_d20
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
vin2a_d12
2
I
0
mcasp1_axr12
4
IO
0
vin2b_d4
5
I
0
emu16
6
O
gpio3_13
14
IO
Driver off
mcasp2_axr2
15
I
U4
vout1_d21
vout1_d21
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
vin2a_d13
2
I
0
mcasp1_axr13
4
IO
0
vin2b_d5
5
I
0
emu17
6
O
gpio3_14
14
IO
Driver off
mcasp2_axr3
15
I
T4
vout1_d22
vout1_d22
0
O
PD
PD
15
1.8/3.3
vddshv6
Yes
Dual
Voltage
LVCMOS
PU/PD
vin2a_d14
2
I
0
mcasp1_axr14
4
IO
0
vin2b_d6
5
I
0
emu18
6
O
gpio3_15
14
IO
Driver off
mcasp2_axr4
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com