Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 83 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 83 Page - Texas Instruments

Back Button DM504 Datasheet HTML 79Page - Texas Instruments DM504 Datasheet HTML 80Page - Texas Instruments DM504 Datasheet HTML 81Page - Texas Instruments DM504 Datasheet HTML 82Page - Texas Instruments DM504 Datasheet HTML 83Page - Texas Instruments DM504 Datasheet HTML 84Page - Texas Instruments DM504 Datasheet HTML 85Page - Texas Instruments DM504 Datasheet HTML 86Page - Texas Instruments DM504 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 211 page
background image
83
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-14. ADC Electrical Specifications (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
Input Sampling Capacitance
3.2
5
pF
Input Frequency adc_in[7:0]
0
30
kHz
Signal-to-Noise Ratio (SNR)
Input Signal: 30 kHz sine wave at -0.5 dB
Full Scale
50
dB
Total Harmonic Distortion
(THD)
1.8 Vpp, 30 kHz sine wave
60
dB
Spurious Free Dynamic
Range
1.8 Vpp, 30 kHz sine wave
60
dB
Signal-to-Noise Plus
Distortion
1.8 Vpp, 30 kHz sine wave
50
dB
adc_vrefp Input Impedance
20
Ω
Sampling Dynamics
Time from Start to Start
17
Clock Cycles
Conversion Time + Error Correction
10 + 1
Clock Cycles
Acquisition time
4
Clock Cycles
Throughput Rate
CLK = 20 MHz ( Pin : clk)
1
MSPS
Channel to Channel Isolation
90
dB
ADC Clock Frequency
See
Table 5-1
MHz
(1) Connect adc_vrefp to vdda_adc when not using a positive external reference voltage.
(2) This parameter is valid when the respective AIN terminal is configured to operate as a general-purpose ADC input.
(3) The maximum sample rate assumes a conversion time of 13 ADC clock cycles with the acquisition time configured for the minimum of 2
ADC clock cycles, where it takes a total of 15 ADC clock cycles to sample the analog input and convert it to a positive binary weighted
digital value.
Table 5-15. ADC Power Supply Requirements
over operating free-air temperature range (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
NOM
MAX
UNIT
VD_CORE – core supply
0.9
1
1.1
V
VDDA ( at the IO pin )
1.62
1.8
1.89
V
TEMPERATURE RANGE
Specified Performance
-40
125
V
5.8
Thermal Characteristics
For reliability and operability concerns, the maximum junction temperature of the Device has to be at or
below the TJ value identified in , Recommended Operating Conditions.
A BCI compact thermal model for this Device is available and recommended for use when modeling
thermal performance in a system.
Therefore, it is recommended to perform thermal simulations at the system level with the worst case
device power consumption.
5.8.1
Package Thermal Characteristics
Table 5-16 provides the thermal resistance characteristics for the package used on this device.
NOTE
Power dissipation of 1.5 W and an ambient temperature of 85ºC is assumed for ABE
package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com