Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 50 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments DM504 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 211 page
background image
50
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-23. PRCM Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rstoutn
Reset out (Active low). This pin asserts low in response to any global reset condition
on the device.
O
E3
resetn
Device Reset
I
E2
porz
Power on Reset (active low). This pin must be asserted low until all device supplies
are valid (see reset sequence/requirements).
I
E1
xref_clk0
External Reference Clock 0. For Audio and other Peripherals.
I
R2
xref_clk1
External Reference Clock 1. For Audio and other Peripherals.
I
C5, C6
xref_clk2
External Reference Clock 2. For Audio and other Peripherals.
I
H15
xi_osc0
System Oscillator OSC0 Crystal input / LVCMOS clock input. Functions as the input
connection to a crystal when the internal oscillator OSC0 is used. Functions as an
LVCMOS-compatible input clock when an external oscillator is used.
I
E16
xi_osc1
Auxiliary Oscillator OSC1 Crystal input / LVCMOS clock input. Functions as the
input connection to a crystal when the internal oscillator OSC1 is used. Functions as
an LVCMOS-compatible input clock when an external oscillator is used
I
C17
xo_osc0
System Oscillator OSC0 Crystal output
O
D16
xo_osc1
Auxiliary Oscillator OSC1 Crystal output
O
D17
4.3.21.3 Interrupt Controllers (INTC)
NOTE
For more information, see the Interrupt Controllers section of the device TRM.
Table 4-24. INTC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
nmin
Non maskable interrupt input - active-low. This pin can be optionally routed to the
DSP NMI input or as generic input to the ARM cores.
I
F3
sys_nirq1
External interrupt event to any device INTC
I
K17, L15
sys_nirq2
External interrupt event to any device INTC
I
K15, K16
esm_error
This signal indicates a severe device failure. For more information see Error
Signaling Module in the device TRM.
IO
C13 , R10
4.3.22 Power Supplies
NOTE
For more information, see Power, Reset, and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs section of the device TRM.
Table 4-25. Power Supply Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
vdd
Core voltage domain supply
PWR
F7, H12, J6, J12,
L13, N5, N8
vss
Ground
GND
A1, A17, B13, E10,
F6, F8, F9, F10,
G12, G13, H7, H8,
H9, H10, H11, J11,
K1, K5, K6, L5, L7,
L8, L11, L12, M5,
M8, M10, M13,
P11, U1, U2, U16
A12, A15, A18,
A21, AA1, B10, B5,
B8, C1, C23, F2,
F23, J2, J23, M2,
M23, P23 , R1,
U23, V1, Y23
vdd_dspeve
EVE-DSP voltage domain supply
PWR
H6, L6, L9, L10,
M6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com