Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 54 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 54 Page - Texas Instruments

Back Button DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments DM504 Datasheet HTML 54Page - Texas Instruments DM504 Datasheet HTML 55Page - Texas Instruments DM504 Datasheet HTML 56Page - Texas Instruments DM504 Datasheet HTML 57Page - Texas Instruments DM504 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
54
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-26. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
BOTTOM
BALL NUMBER
TOP
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
12
14
15
16
G23
ddr1_d10
AB18
ddr1_dqs2
D23
ddr1_d14
AB6
ddr1_ca1
E23
ddr1_d13
C22
ddr1_d15
B15
ddr1_d27
AC19
ddr1_dqsn2
AB12
ddr1_d16
AC14
ddr1_d19
B20
ddr1_dqm3
AB8
ddr1_ca3
F22
ddr1_d11
AC3
ddr1_cke0
N23
ddr1_dqm0
AC17
ddr1_d23
AC7
ddr1_ca2
M22
ddr1_ext_vr
ef0
V2
ddr1_ca6
AC6
ddr1_ca0
AC16
ddr1_d21
B12
ddr1_d31
C7
P1
zq
K23
ddr1_dqsn1
B6
csi2_0_dy1
0x1550
CTRL_CORE_PAD
_MCAN_RX
T3
mcan_rx
cam_nreset vin2a_vsync
0
spi1_cs3
uart3_txd
gpio4_12
Driver off
0x154C
CTRL_CORE_PAD
_MCAN_TX
T2
mcan_tx
vin2a_de0
vin2a_hsync
0
spi1_cs2
uart3_rxd
gpio4_11
Driver off
B10
csi2_0_dy3
T15
cvideo_vfb
R15
cvideo_tvou
t
P16
adc_in4
A11
csi2_0_dx4
N16
adc_in1
L16
adc_vrefp
M15
adc_in5
M14
adc_in7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com