Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 55 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 55 Page - Texas Instruments

Back Button DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments DM504 Datasheet HTML 54Page - Texas Instruments DM504 Datasheet HTML 55Page - Texas Instruments DM504 Datasheet HTML 56Page - Texas Instruments DM504 Datasheet HTML 57Page - Texas Instruments DM504 Datasheet HTML 58Page - Texas Instruments DM504 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
55
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-26. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
BOTTOM
BALL NUMBER
TOP
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
12
14
15
16
B8
csi2_0_dx2
B5
csi2_0_dy0
A6
csi2_0_dx1
D17
xo_osc1
C17
xi_osc1
B11
csi2_0_dy4
N15
adc_in2
A10
csi2_0_dx3
U15
cvideo_rset
P17
adc_in3
L17
adc_in6
D16
xo_osc0
A8
csi2_0_dy2
E1
porz
A5
csi2_0_dx0
N17
adc_in0
E16
xi_osc0
0x141C
CTRL_CORE_PAD
_GPMC_CS1
A4
K2
qspi1_cs0
gpio1_7
Driver off
0x1420
CTRL_CORE_PAD
_GPMC_CS2
A3
G1
qspi1_d3
gpio1_8
Driver off
0x1424
CTRL_CORE_PAD
_GPMC_CS3
B3
G2
qspi1_d2
gpio1_9
Driver off
0x1428
CTRL_CORE_PAD
_GPMC_CS4
C3
H2
qspi1_d0
gpio1_10
Driver off
0x142C
CTRL_CORE_PAD
_GPMC_CS5
C2
H1
qspi1_d1
gpio1_11
Driver off
0x1430
CTRL_CORE_PAD
_GPMC_CS6
C1
K1
qspi1_sclk
gpio1_12
Driver off
0x1478
CTRL_CORE_PAD
_VIN1A_CLK0
E15
vin1a_clk0
cpi_pclk
clkout0
gpio1_30
Driver off
mcasp3_acl
kx
0x147C
CTRL_CORE_PAD
_VIN1A_DE0
F14
vin1a_de0
cpi_hsync
clkout1
gpio1_31
Driver off
0x1480
CTRL_CORE_PAD
_VIN1A_FLD0
G14
vin1a_fld0
cpi_vsync
vin2b_clk1
clkout2
gpio2_0
Driver off
mcasp3_acl
kr
0x1484
CTRL_CORE_PAD
_VIN1A_HSYNC0
F17
vin1a_hsync
0
cpi_data0
vin1a_de0
gpio2_1
Driver off
mcasp3_fsr
0x1488
CTRL_CORE_PAD
_VIN1A_VSYNC0
F16
vin1a_vsync
0
cpi_data1
gpio2_2
Driver off
mcasp3_axr
0
0x148C
CTRL_CORE_PAD
_VIN1A_D0
F13
vin1a_d0
cpi_data2
gpio2_3
Driver off
mcasp3_axr
1
0x1490
CTRL_CORE_PAD
_VIN1A_D1
F15
vin1a_d1
cpi_data3
gpio2_4
Driver off
mcasp3_axr
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com