Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 42 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 42 Page - Texas Instruments

Back Button DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 211 page
background image
42
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-13. SPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
spi1_d1
SPI1 Data. Can be configured as either MISO or MOSI.
IO
R3
spi1_cs0
SPI1 Chip Select
IO
N3, R2
spi1_cs1
SPI1 Chip Select
IO
N2, R2
spi1_cs2
SPI1 Chip Select
IO
C5, T2
spi1_cs3
SPI1 Chip Select
IO
D7, T3
Serial Peripheral Interface 2
spi2_sclk
SPI2 Clock
IO
M2
spi2_d0
SPI2 Data. Can be configured as either MISO or MOSI.
IO
L2
spi2_d1
SPI2 Data. Can be configured as either MISO or MOSI.
IO
M3
spi2_cs0
SPI2 Chip Select
IO
L3
spi2_cs1
SPI2 Chip Select
IO
R2
Serial Peripheral Interface 3
spi3_sclk
SPI3 Clock
IO
C6
spi3_d0
SPI3 Data. Can be configured as either MISO or MOSI.
IO
C8
spi3_d1
SPI3 Data. Can be configured as either MISO or MOSI.
IO
E6
spi3_cs0
SPI3 Chip Select
IO
C9, R2
spi3_cs1
SPI3 Chip Select
IO
N2
Serial Peripheral Interface 4
spi4_sclk
SPI4 Clock
IO
C12, C5
spi4_d0
SPI4 Data. Can be configured as either MISO or MOSI.
IO
C13, D6
spi4_d1
SPI4 Data. Can be configured as either MISO or MOSI.
IO
B14, B4
spi4_cs0
SPI4 Chip Select
IO
D12, D7
4.3.13 QSPI
NOTE
For more information see the Serial Communication Interface / Quad Serial Peripheral
Interface section of the device TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-45.
Table 4-14. QSPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
qspi1_sclk
QSPI1 Serial Clock
O
C1
K1
qspi1_rtclk
QSPI1 Return Clock Input. Must be connected from QSPI1_SCLK on
PCB. Refer to PCB Guidelines for QSPI1
I
B4, D7
qspi1_d0
QSPI1 Data[0]. This pin is output data for all commands/writes and for
dual read and quad read modes it becomes input data pin during read
phase.
IO
C3
H2
qspi1_d1
QSPI1 Data[1]. Input read data in all modes.
IO
C2
H1
qspi1_d2
QSPI1 Data[2]. This pin is used only in quad read mode as input data
pin during read phase
IO
B3
G2
qspi1_d3
QSPI1 Data[3]. This pin is used only in quad read mode as input data
pin during read phase
IO
A3
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com