Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 43 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 211 page
background image
43
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-14. QSPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
qspi1_cs0
QSPI1 Chip Select[0]. This pin is Used for QSPI1 boot modes.
IO
A4
K2
qspi1_cs1
QSPI1 Chip Select[1]
IO
C6
4.3.14 McASP
NOTE
For more information, see the Serial Communication Interface / Multichannel Audio Serial
Port (McASP) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-52.
Table 4-15. McASP Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multichannel Audio Serial Port 1
mcasp1_axr0
McASP1 Transmit/Receive Data
IO
U13
mcasp1_axr1
McASP1 Transmit/Receive Data
IO
U12
mcasp1_axr2
McASP1 Transmit/Receive Data
IO
T12
mcasp1_axr3
McASP1 Transmit/Receive Data
IO
T6
mcasp1_axr4
McASP1 Transmit/Receive Data
IO
T14
mcasp1_axr5
McASP1 Transmit/Receive Data
IO
R13
mcasp1_axr6
McASP1 Transmit/Receive Data
IO
R12
mcasp1_axr7
McASP1 Transmit/Receive Data
IO
U11
mcasp1_axr8
McASP1 Transmit/Receive Data
IO
P12
mcasp1_axr9
McASP1 Transmit/Receive Data
IO
T11
mcasp1_axr10
McASP1 Transmit/Receive Data
IO
R11
mcasp1_axr11
McASP1 Transmit/Receive Data
IO
R10
mcasp1_axr12
McASP1 Transmit/Receive Data
IO
T10
mcasp1_axr13
McASP1 Transmit/Receive Data
IO
T6, T9, U11
mcasp1_axr14
McASP1 Transmit/Receive Data
IO
P12, U6, U9
mcasp1_axr15
McASP1 Transmit/Receive Data
IO
R6, R9, T11
mcasp1_fsx
McASP1 Transmit Frame Sync
IO
R11, T5, T8
mcasp1_aclkr
McASP1 Receive Bit Clock
IO
R10, R5, U7
mcasp1_fsr
McASP1 Receive Frame Sync
IO
R8, T10, U4
mcasp1_ahclkx
McASP1 Transmit High-Frequency Master Clock
IO
R7, T4
mcasp1_aclkx
McASP1 Transmit Bit Clock
IO
T7, U3
Multichannel Audio Serial Port 2
mcasp2_axr0
McASP2 Transmit/Receive Data
IO
R6
mcasp2_axr1
McASP2 Transmit/Receive Data
IO
T5
mcasp2_axr2
McASP2 Transmit/Receive Data
IO
R5
mcasp2_axr3
McASP2 Transmit/Receive Data
IO
U4
mcasp2_axr4
McASP2 Transmit/Receive Data
IO
T4
mcasp2_axr5
McASP2 Transmit/Receive Data
IO
U3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com