Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 44 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 44 Page - Texas Instruments

Back Button DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 211 page
background image
44
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-15. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp2_fsx
McASP2 Transmit Frame Sync
IO
T7
mcasp2_aclkr
McASP2 Receive Bit Clock
IO
R8
mcasp2_fsr
McASP2 Receive Frame Sync
IO
U6
mcasp2_ahclkx
McASP2 Transmit High-Frequency Master Clock
O
U7
mcasp2_aclkx
McASP2 Transmit Bit Clock
IO
R7
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
F16
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
F13
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
F15
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
G16
mcasp3_axr4
McASP3 Transmit/Receive Data
IO
G15
mcasp3_axr5
McASP3 Transmit/Receive Data
IO
H16
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
J16
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
H15
mcasp3_aclkx
McASP3 Transmit Bit Clock
IO
E15
mcasp3_aclkr
McASP3 Receive Bit Clock
IO
G14
mcasp3_fsr
McASP3 Receive Frame Sync
IO
F17
4.3.15 DCAN and MCAN
NOTE
For more information, see the Serial Communication Interface / CAN section of the device
TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-55.
Table 4-16. DCAN and MCAN Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DCAN 1
dcan1_rx
DCAN1 receive data pin
IO
C8, D7, L1
dcan1_tx
DCAN1 transmit data pin
IO
C5, E6, M1
MCAN
mcan_rx
MCAN receive data pin
IO
C9, D6, T3
mcan_tx
MCAN transmit data pin
IO
B4, C6, T2
4.3.16 GMAC_SW
NOTE
For more information, see the Serial Communication Interfaces / Gigabit Ethernet Switch
section of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com