Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 46 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 211 page
background image
46
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-71.
Table 4-19. GPIOs Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
GPIO 1
gpio1_7
General-Purpose Input/Output
IO
A4
K2
gpio1_8
General-Purpose Input/Output
IO
A3
gpio1_9
General-Purpose Input/Output
IO
B3
gpio1_10
General-Purpose Input/Output
IO
C3
H1
gpio1_11
General-Purpose Input/Output
IO
C2
H2
gpio1_12
General-Purpose Input/Output
IO
C1
K1
gpio1_30
General-Purpose Input/Output
IO
E15
gpio1_31
General-Purpose Input/Output
IO
F14
GPIO 2
gpio2_0
General-Purpose Input/Output
IO
G14
gpio2_1
General-Purpose Input/Output
IO
F17
gpio2_2
General-Purpose Input/Output
IO
F16
gpio2_3
General-Purpose Input/Output
IO
F13
gpio2_4
General-Purpose Input/Output
IO
F15
gpio2_5
General-Purpose Input/Output
IO
G16
gpio2_6
General-Purpose Input/Output
IO
G15
gpio2_7
General-Purpose Input/Output
IO
H16
gpio2_8
General-Purpose Input/Output
IO
H15
gpio2_9
General-Purpose Input/Output
IO
J16
gpio2_10
General-Purpose Input/Output
IO
J15
gpio2_11
General-Purpose Input/Output
IO
K16
gpio2_12
General-Purpose Input/Output
IO
L15
gpio2_13
General-Purpose Input/Output
IO
K15
gpio2_14
General-Purpose Input/Output
IO
K17
gpio2_20
General-Purpose Input/Output
IO
T13
gpio2_21
General-Purpose Input/Output
IO
T14
gpio2_22
General-Purpose Input/Output
IO
U13
gpio2_23
General-Purpose Input/Output
IO
U12
gpio2_24
General-Purpose Input/Output
IO
T12
gpio2_25
General-Purpose Input/Output
IO
R13
gpio2_26
General-Purpose Input/Output
IO
R12
gpio2_27
General-Purpose Input/Output
IO
U11
gpio2_28
General-Purpose Input/Output
IO
P12
gpio2_29
General-Purpose Input/Output
IO
T11
gpio2_30
General-Purpose Input/Output
IO
R11
gpio2_31
General-Purpose Input/Output
IO
R10
GPIO 3
gpio3_0
General-Purpose Input/Output
IO
T10
gpio3_1
General-Purpose Input/Output
IO
T9
gpio3_2
General-Purpose Input/Output
IO
U9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com