Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 40 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DM504 Datasheet HTML 36Page - Texas Instruments DM504 Datasheet HTML 37Page - Texas Instruments DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 211 page
background image
40
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-9. EMIF1 Signal Descriptions (continued)
SIGNAL
NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
ddr1_dqs1
Data strobe 1 input/output for byte 1 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
J22
ddr1_dqs2
Data strobe 2 input/output for byte 2 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
AB18
ddr1_dqs3
Data strobe 3 input/output for byte 3 of the 32-bit data bus. This signal is
output to the EMIF1 memory when writing and input when reading.
IO
B18
ddr1_dqsn0
Data strobe 0 invert
IO
P22
ddr1_dqsn1
Data strobe 1 invert
IO
K23
ddr1_dqsn2
Data strobe 2 invert
IO
AC19
ddr1_dqsn3
Data strobe 3 invert
IO
A19
Feedthrough
zq
LPDDR2 Feedthrough to top ZQ pin
FEED
C7
P1
4.3.9
Timers
NOTE
For more information, see the Timers section of the device TRM.
Table 4-10. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
E6, L2
timer2
PWM output/event trigger input
IO
C8
timer3
PWM output/event trigger input
IO
C5, M2
timer4
PWM output/event trigger input
IO
D7, L3
timer5
PWM output/event trigger input
IO
M3
timer6
PWM output/event trigger input
IO
N2
timer7
PWM output/event trigger input
IO
C6
timer8
PWM output/event trigger input
IO
C9
4.3.10 I
2C
NOTE
For more information, see the Serial Communication Interface / Multimaster I2C Controller /
I2C Environment / I2C Pins for Typical Connections in I2C Mode section of the device TRM.
Table 4-11. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface (I2C1)
i2c1_scl
I2C1 Clock
IOD
K2
i2c1_sda
I2C1 Data
IOD
K3
Inter-Integrated Circuit Interface (I2C2)
i2c2_scl
I2C2 Clock
IOD
J3
i2c2_sda
I2C2 Data
IOD
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com