Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 62 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 62 Page - Texas Instruments

Back Button DM504 Datasheet HTML 58Page - Texas Instruments DM504 Datasheet HTML 59Page - Texas Instruments DM504 Datasheet HTML 60Page - Texas Instruments DM504 Datasheet HTML 61Page - Texas Instruments DM504 Datasheet HTML 62Page - Texas Instruments DM504 Datasheet HTML 63Page - Texas Instruments DM504 Datasheet HTML 64Page - Texas Instruments DM504 Datasheet HTML 65Page - Texas Instruments DM504 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 211 page
background image
62
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
5
Specifications
NOTE
For more information, see Power, Reset and Clock Management / PRCM Subsystem
Environment / External Voltage Inputs or Initialization / Preinitialization / Power Requirements
section of the Device TRM.
NOTE
The index numbers 1, 2 and 3 which are part of the EMIF signal prefixes (ddr1_* and *_ddr2
etc.) listed in Section 4.3.8, EMIF Signal Descriptions, column "SIGNAL NAME" are not to be
confused with DDR1, DDR2 and DDR3 types of SDRAM memories.
NOTE
Audio Back End (ABE) module is not supported for this family of devices, but “ABE” name is
still present in some clock or DPLL names.
CAUTION
All IO Cells are NOT Fail-safe compliant and should not be externally driven in
absence of their IO supply.
5.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
MIN
MAX
UNIT
VSUPPLY (Steady-State)
Supply Voltage Ranges (Steady-
State)
Core (vdd, vdd_dspeve, vdd_mem)
-0.3
1.5
V
Analog (vdda_per, vdda_ddr_dsp,
vdda_gmac_core, vdda_osc,
vdda_csi, vdda_dac, vdda_adc,
vdda_spi)
-0.3
2.0
V
vdds_ddr
-0.3
1.26
V
vdds18v, vdds18v_ddr1,
vdds18v_ddr2, vdds18v_ddr3,
vdds18_mem
-0.3
2.1
V
vddshv1-6 (1.8V mode)
-0.3
2.1
V
vddshv1-6 (3.3V mode)
-0.3
3.8
V
VIO (Steady-State)
Input and Output Voltage Ranges
(Steady-State)
Core I/Os
-0.3
1.5
V
I/O 1.2V
-0.3
1.26
V
1.8V I/Os
-0.3
2.1
V
3.3V I/Os
-0.3
3.8
V
SR
Maximum slew rate, all supplies
105
V/s
VIO (Transient Overshoot /
Undershoot)
Input and Output Voltage Ranges (Transient Overshoot / Undershoot)
Note: valid for up to 20% of the signal period
0.2*VDD
(4)
V
TJ
Operating junction temperature range
Automotive
-40
+125
°C
TSTG
Storage temperature range after soldered onto PC Board
-55
+150
°C
Latch-up I-Test
I-test(5), All I/Os (if different levels then one line per level)
-100
100
mA
Latch-up OV-Test
Over-voltage Test(6), All supplies (if different levels then one line per level)
N/A
1.5*VSup
ply max
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com