Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 47 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 47 Page - Texas Instruments

Back Button DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 211 page
background image
47
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-19. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
gpio3_3
General-Purpose Input/Output
IO
R9
gpio3_4
General-Purpose Input/Output
IO
T8
gpio3_5
General-Purpose Input/Output
IO
U7
gpio3_6
General-Purpose Input/Output
IO
R8
gpio3_7
General-Purpose Input/Output
IO
R7
gpio3_8
General-Purpose Input/Output
IO
T7
gpio3_9
General-Purpose Input/Output
IO
T6
gpio3_10
General-Purpose Input/Output
IO
U6
gpio3_11
General-Purpose Input/Output
IO
R6
gpio3_12
General-Purpose Input/Output
IO
T5
gpio3_13
General-Purpose Input/Output
IO
R5
gpio3_14
General-Purpose Input/Output
IO
U4
gpio3_15
General-Purpose Input/Output
IO
T4
gpio3_16
General-Purpose Input/Output
IO
U3
gpio3_17
General-Purpose Input/Output
IO
B14
gpio3_18
General-Purpose Input/Output
IO
C13
gpio3_19
General-Purpose Input/Output
IO
C12
gpio3_20
General-Purpose Input/Output
IO
D12
gpio3_21
General-Purpose Input/Output
IO
C10
gpio3_22
General-Purpose Input/Output
IO
D11
gpio3_23
General-Purpose Input/Output
IO
E11
gpio3_24
General-Purpose Input/Output
IO
C11
gpio3_25
General-Purpose Input/Output
IO
A12
gpio3_26
General-Purpose Input/Output
IO
B12
gpio3_27
General-Purpose Input/Output
IO
A14
gpio3_28
General-Purpose Input/Output
IO
B15
gpio3_29
General-Purpose Input/Output
IO
C15
gpio3_30
General-Purpose Input/Output
IO
A15
gpio3_31
General-Purpose Input/Output
IO
R2
GPIO 4
gpio4_0
General-Purpose Input/Output
IO
P2
gpio4_1
General-Purpose Input/Output
IO
R3
gpio4_2
General-Purpose Input/Output
IO
N1
gpio4_3
General-Purpose Input/Output
IO
N3
gpio4_4
General-Purpose Input/Output
IO
N2
gpio4_5
General-Purpose Input/Output
IO
M2
gpio4_6
General-Purpose Input/Output
IO
M3
gpio4_7
General-Purpose Input/Output
IO
L2
gpio4_8
General-Purpose Input/Output
IO
L3
gpio4_9
General-Purpose Input/Output
IO
M1
gpio4_10
General-Purpose Input/Output
IO
L1
gpio4_11
General-Purpose Input/Output
IO
T2
gpio4_12
General-Purpose Input/Output
IO
T3
gpio4_13
General-Purpose Input/Output
IO
B4
gpio4_14
General-Purpose Input/Output
IO
D6
gpio4_15
General-Purpose Input/Output
IO
C5
gpio4_16
General-Purpose Input/Output
IO
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com