Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 48 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 211 page
background image
48
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-19. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
gpio4_17
General-Purpose Input/Output
IO
E6
gpio4_18
General-Purpose Input/Output
IO
C8
gpio4_19
General-Purpose Input/Output
IO
C6
gpio4_20
General-Purpose Input/Output
IO
C9
gpio4_21
General-Purpose Input/Output
IO
G17
gpio4_22
General-Purpose Input/Output
IO
L14
gpio4_25
General-Purpose Input/Output
IO
J1
gpio4_26
General-Purpose Input/Output
IO
H3
gpio4_27
General-Purpose Input/Output
IO
G3
gpio4_28
General-Purpose Input/Output
IO
F1
gpio4_29
General-Purpose Input/Output
IO
F2
4.3.19 PWM
NOTE
For more information, see the Pulse-Width Modulation (PWM) subsystem section of the
device TRM.
Table 4-20. PWM Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
PWMSS1
ehrpwm1A
EHRPWM1 Output A
O
E6, M2
ehrpwm1B
EHRPWM1 Output B
O
C8, L3
ehrpwm1_tripzone_input
EHRPWM1 Trip Zone Input
IO
N2
eCAP1_in_PWM1_out
ECAP1 Capture Input / PWM Output
IO
C9, D11, M3, T10
ehrpwm1_synci
EHRPWM1 Sync Input
I
C5
ehrpwm1_synco
EHRPWM1 Sync Output
O
D7
4.3.20 Emulation and Debug Subsystem
NOTE
For more information, see the On-Chip Debug Support section of the device TRM.
Table 4-21. Debug Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rtck
JTAG return clock
O
G3
tclk
JTAG test clock
I
G1
tdi
JTAG test data
I
J1
tdo
JTAG test port data
O
H3
tms
JTAG test port mode select. An external pull-up resistor should be used on this
ball.
IO
H2
trstn
JTAG test reset
I
G2
emu0
Emulator pin 0
IO
F1
emu1
Emulator pin 1
IO
F2
emu2
Emulator pin 2
O
R10
emu3
Emulator pin 3
O
T10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com