Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 56 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 56 Page - Texas Instruments

Back Button DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments DM504 Datasheet HTML 54Page - Texas Instruments DM504 Datasheet HTML 55Page - Texas Instruments DM504 Datasheet HTML 56Page - Texas Instruments DM504 Datasheet HTML 57Page - Texas Instruments DM504 Datasheet HTML 58Page - Texas Instruments DM504 Datasheet HTML 59Page - Texas Instruments DM504 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
56
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-26. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
BOTTOM
BALL NUMBER
TOP
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
12
14
15
16
0x1494
CTRL_CORE_PAD
_VIN1A_D2
G16
vin1a_d2
cpi_data4
gpio2_5
Driver off
mcasp3_axr
3
0x1498
CTRL_CORE_PAD
_VIN1A_D3
G15
vin1a_d3
cpi_data5
gpio2_6
Driver off
mcasp3_axr
4
0x149C
CTRL_CORE_PAD
_VIN1A_D4
H16
vin1a_d4
cpi_data6
gpio2_7
Driver off
mcasp3_axr
5
0x14A0
CTRL_CORE_PAD
_VIN1A_D5
H15
vin1a_d5
cpi_data7
gpio2_8
xref_clk2
mcasp3_ah
clkx
0x14A4
CTRL_CORE_PAD
_VIN1A_D6
J16
vin1a_d6
cpi_data8
gpio2_9
Driver off
mcasp3_fsx
0x14A8
CTRL_CORE_PAD
_VIN1A_D7
J15
vin1a_d7
cpi_data9
gpio2_10
Driver off
0x14AC
CTRL_CORE_PAD
_VIN1A_D8
K16
vin1a_d8
cpi_data10
sys_nirq2
gpio2_11
Driver off
0x14B0
CTRL_CORE_PAD
_VIN1A_D9
L15
vin1a_d9
cpi_data11
sys_nirq1
gpio2_12
Driver off
0x14B4
CTRL_CORE_PAD
_VIN1A_D10
K15
vin1a_d10
cpi_data12
sys_nirq2
gpio2_13
Driver off
0x14B8
CTRL_CORE_PAD
_VIN1A_D11
K17
vin1a_d11
cpi_data13
sys_nirq1
gpio2_14
Driver off
0x14D0
CTRL_CORE_PAD
_VIN2A_DE0
G17
vin2a_de0
cam_strobe vin2b_hsync
1
vin2b_de1
gpio4_21
Driver off
0x14D4
CTRL_CORE_PAD
_VIN2A_FLD0
L14
vin2a_fld0
cam_shutter vin2b_vsync
1
gpio4_22
Driver off
0x14D8
CTRL_CORE_PAD
_VOUT1_CLK
T13
vout1_clk
vin1a_d12
clkout0
vin2a_clk0
gpio2_20
Driver off
0x14DC
CTRL_CORE_PAD
_VOUT1_DE
T14
vout1_de
mcasp1_acl
kx
vin1a_d13
clkout1
gpio2_21
Driver off
0x14E0
CTRL_CORE_PAD
_VOUT1_FLD
U13
vout1_fld
mcasp1_fsx vin1a_d14
clkout2
gpio2_22
Driver off
0x14E4
CTRL_CORE_PAD
_VOUT1_HSYNC
U12
vout1_hsyn
c
mcasp1_acl
kr
vin1a_d15
vin2a_de0
gpio2_23
Driver off
0x14E8
CTRL_CORE_PAD
_VOUT1_VSYNC
T12
vout1_vsync mcasp1_fsr
vin2a_fld0
gpio2_24
Driver off
0x14EC
CTRL_CORE_PAD
_VOUT1_D0
R13
vout1_d0
mcasp1_axr
0
mmc_clk
gpio2_25
Driver off
0x14F0
CTRL_CORE_PAD
_VOUT1_D1
R12
vout1_d1
mcasp1_axr
1
mmc_cmd
gpio2_26
Driver off
0x14F4
CTRL_CORE_PAD
_VOUT1_D2
U11
vout1_d2
mcasp1_axr
2
mcasp1_axr
8
mmc_dat0
gpio2_27
Driver off
0x14F8
CTRL_CORE_PAD
_VOUT1_D3
P12
vout1_d3
mcasp1_axr
3
mcasp1_axr
9
mmc_dat1
gpio2_28
Driver off
0x14FC
CTRL_CORE_PAD
_VOUT1_D4
T11
vout1_d4
mcasp1_axr
4
mcasp1_axr
10
mmc_dat2
gpio2_29
Driver off
0x1500
CTRL_CORE_PAD
_VOUT1_D5
R11
vout1_d5
mcasp1_axr
5
mcasp1_axr
11
mmc_dat3
vin2a_clk0
gpio2_30
Driver off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com