Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 59 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 59 Page - Texas Instruments

Back Button DM504 Datasheet HTML 55Page - Texas Instruments DM504 Datasheet HTML 56Page - Texas Instruments DM504 Datasheet HTML 57Page - Texas Instruments DM504 Datasheet HTML 58Page - Texas Instruments DM504 Datasheet HTML 59Page - Texas Instruments DM504 Datasheet HTML 60Page - Texas Instruments DM504 Datasheet HTML 61Page - Texas Instruments DM504 Datasheet HTML 62Page - Texas Instruments DM504 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
59
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-26. Pin Multiplexing (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
BOTTOM
BALL NUMBER
TOP
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
12
14
15
16
0x15C4
CTRL_CORE_PAD
_UART1_CTSN
C5
uart1_ctsn
xref_clk1
uart3_rxd
spi4_sclk
spi1_cs2
timer3
ehrpwm1_s
ynci
clkout0
vin2a_hsync
0
dcan1_tx
gpio4_15
Driver off
0x15C8
CTRL_CORE_PAD
_UART1_RTSN
D7
uart1_rtsn
uart3_txd
spi4_cs0
spi1_cs3
timer4
ehrpwm1_s
ynco
qspi1_rtclk
vin2a_vsync
0
dcan1_rx
gpio4_16
Driver off
0x15CC
CTRL_CORE_PAD
_UART2_RXD
E6
uart2_rxd
spi3_d1
timer1
ehrpwm1A
dcan1_tx
gpio4_17
Driver off
0x15D0
CTRL_CORE_PAD
_UART2_TXD
C8
uart2_txd
spi3_d0
timer2
ehrpwm1B
dcan1_rx
gpio4_18
Driver off
0x15D4
CTRL_CORE_PAD
_UART2_CTSN
C6
uart2_ctsn
xref_clk1
spi3_sclk
qspi1_cs1
timer7
vin2a_hsync
0
mcan_tx
gpio4_19
sysboot0
0x15D8
CTRL_CORE_PAD
_UART2_RTSN
C9
uart2_rtsn
eCAP1_in_
PWM1_out
spi3_cs0
timer8
vin2a_vsync
0
mcan_rx
gpio4_20
Driver off
0x15DC
CTRL_CORE_PAD
_I2C1_SDA
K3
i2c1_sda
0x15E0
CTRL_CORE_PAD
_I2C1_SCL
K2
i2c1_scl
0x15E4
CTRL_CORE_PAD
_I2C2_SDA
J2
i2c2_sda
0x15E8
CTRL_CORE_PAD
_I2C2_SCL
J3
i2c2_scl
0x15EC
CTRL_CORE_PAD
_TMS
H2
tms
0x15F0
CTRL_CORE_PAD
_TDI
J1
tdi
gpio4_25
Driver off
0x15F4
CTRL_CORE_PAD
_TDO
H3
tdo
gpio4_26
Driver off
0x15F8
CTRL_CORE_PAD
_TCLK
G1
tclk
0x15FC
CTRL_CORE_PAD
_TRSTN
G2
trstn
0x1600
CTRL_CORE_PAD
_RTCK
G3
rtck
gpio4_27
Driver off
0x1604
CTRL_CORE_PAD
_EMU0
F1
emu0
gpio4_28
Driver off
0x1608
CTRL_CORE_PAD
_EMU1
F2
emu1
gpio4_29
Driver off
0x160C
CTRL_CORE_PAD
_RESETN
E2
resetn
0x1610
CTRL_CORE_PAD
_NMIN
F3
nmin
0x1614
CTRL_CORE_PAD
_RSTOUTN
E3
rstoutn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com