Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 81 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 81 Page - Texas Instruments

Back Button DM504 Datasheet HTML 77Page - Texas Instruments DM504 Datasheet HTML 78Page - Texas Instruments DM504 Datasheet HTML 79Page - Texas Instruments DM504 Datasheet HTML 80Page - Texas Instruments DM504 Datasheet HTML 81Page - Texas Instruments DM504 Datasheet HTML 82Page - Texas Instruments DM504 Datasheet HTML 83Page - Texas Instruments DM504 Datasheet HTML 84Page - Texas Instruments DM504 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 211 page
background image
81
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-12. CSI2 DC Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
ZO
Output impedance (drive strength)
DS[1:0] = 00
Ω
DS[1:0] = 01
DS[1:0] = 10
DS[1:0] = 11
tOT
Output transition time (tR or tF evaluated
between 10% and 90% of VPAD)
SC[1:0] = 00 (slowest)
ns
SC[1:0] = 01 (slow)
SC[1:0] = 10 (fast)
SC[1:0] = 11 (fastest)
tOT
Output transition time (tR or tF evaluated
between 10% and 90% of VPAD)
SC[1:0] = 00 (slowest)
ns
SC[1:0] = 01 (slow)
SC[1:0] = 10 (fast)
SC[1:0] = 11 (fastest)
Signal Names in Mode 0 (Function 1):
Bottom Balls:
VIH
Input high-level threshold
V
VIL
Input low-level threshold
V
VHYS
Input hysteresis voltage
mV
CIN
Input capacitance
pF
tIT
Input transition time (tR or tF evaluated between 10% and 90% of
VPAD)
ns
COUT
Load capacitance (CL1 = CL2)
pF
Signal Name in Mode 0 (Function 1):
Bottom Ball: D31
VOH
Output high-level threshold (IOH =TBD)
V
VOL
Output low-level threshold (IOL =TBD)
V
fOUT
Output frequency, fref_xtal_clk
MHz
tWOUT
Output pulse duration, fref_xtal_clk low or high
ns
tOT
Output transition time (tR or tF evaluated between 20% and 80% of
VPAD),
ns
COUT
Load capacitance
pF
Signal Name in Mode 0 (Function 1):
Bottom Ball: B28
Single-ended Application Mode
VSWING
Input voltage swing
mV
RIN
Input resistance
k
Ω
CIN
Input capacitance
pF
Single–ended High-Voltage CMOS Application Mode
VIH
Input high-level voltage
V
VIL
Input low-level voltage
V
RIN
Input resistance
k
Ω
CIN
Input capacitance
pF
tIT
Input transition time (tR or tF ) evaluated between 10% to 90% of
VPAD
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com