Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 73 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 73 Page - Texas Instruments

Back Button DM504 Datasheet HTML 69Page - Texas Instruments DM504 Datasheet HTML 70Page - Texas Instruments DM504 Datasheet HTML 71Page - Texas Instruments DM504 Datasheet HTML 72Page - Texas Instruments DM504 Datasheet HTML 73Page - Texas Instruments DM504 Datasheet HTML 74Page - Texas Instruments DM504 Datasheet HTML 75Page - Texas Instruments DM504 Datasheet HTML 76Page - Texas Instruments DM504 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 211 page
background image
73
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
PWMSS1
PWMSS1_GICLK
Int & Func
133
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
QSPI
QSPI_ICLK
Int
266
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
QSPI_FCLK
Func
128
QSPI_GFCLK
FUNC_128M_CLK
DPLL_PER
PER_QSPI_CLK
DPLL_PER
RTI1
OCP_CLK_PI
Int
133
L4_ICLK
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Counter
50
RTI_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
FUNC_32K_CLK
OSC1
RTI2
OCP_CLK_PI
Int
133
L4_ICLK
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Counter
50
RTI_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
FUNC_32K_CLK
OSC1
RTI3
OCP_CLK_PI
Int
133
L4_ICLK
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Counter
50
RTI_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
FUNC_32K_CLK
OSC1
RTI4
OCP_CLK_PI
Int
133
L4_ICLK
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Counter
50
RTI_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
FUNC_32K_CLK
OSC1
RTI5
OCP_CLK_PI
Int
133
L4_ICLK
CORE_X2_CLK
DPLL_CORE
RTI_CLK_PI
Counter
50
RTI_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
FUNC_32K_CLK
OSC1
SD_DAC
CLKDAC
Func
50
VID_PIX_CLK
VID_PIX_CLK
DPLL_EVE_VID_D
SP
SL2
piclk
Int
IVA_GCLK
IVA_GCLK
IVA_GFCLK
DPLL_IVA
SMARTREFLEX_
CORE
MCLK
Int
133
COREAON_L4_GI
CLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC0
Func
38.4
WKUPAON_ICLK
DPLL_ABE_X2_CL
K
DPLL_ABE
SMARTREFLEX_
DSPEVE
MCLK
Int
133
COREAON_L4_GI
CLK
CORE_X2_CLK
DPLL_CORE
SYSCLK
Func
38.4
WKUPAON_ICLK
SYS_CLK1
OSC0
Func
38.4
WKUPAON_ICLK
DPLL_ABE_X2_CL
K
DPLL_ABE
SPINLOCK
SPINLOCK_ICLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
TESOC
L3_CLK
Func
266
L3INSTR_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
EXT_CLK
Func
50
EXT_CLK
TESOC_EXT_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com