Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 51 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 51 Page - Texas Instruments

Back Button DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments DM504 Datasheet HTML 50Page - Texas Instruments DM504 Datasheet HTML 51Page - Texas Instruments DM504 Datasheet HTML 52Page - Texas Instruments DM504 Datasheet HTML 53Page - Texas Instruments DM504 Datasheet HTML 54Page - Texas Instruments DM504 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 211 page
background image
51
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-25. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
vdd_mem
Through power for memory package 1.2V
PWR
A2, B7, H1, J17,
R1, R17, U10
AA2, B11, B21,
C2, L22, R2, AA2,
B11, B21, C2, L22,
R2
ddr1_ext_vref0
External Vref Supply
PWR
M22
ddr1_ext_vref1
External Vref Supply
PWR
P2
vdda_spi
IO Supply for NOR Flash on PoP memory (QSPI)
PWR
A13
F1, J1
vdda_per
PER PLL and PER HSDIVIDER analog power supply
PWR
F11
vdda_ddr_dsp
DDR PLL and DDR HSDIVIDER analog power supply
PWR
J7
vdda_gmac_core
CORE PLL and CORE HSDIVIDER analog power supply
PWR
J8
vdda_osc
IO supply for oscillator section
PWR
B16
vssa_osc0
Ground supply for Oscillator 0. Isolated in package
GND
E17
vssa_osc1
Ground supply for Oscillator 1. Isolated in package
GND
C16
vdda_csi
CSI analog power supply
PWR
B9
vssa_csi
CSI analog ground
GND
A9
vdda_dac
DAC analog power supply
PWR
T16
vssa_dac
DAC analog ground
GND
R16
vdda_adc
ADC analog power supply
PWR
M16
vssa_adc
ADC analog ground
GND
M17
vdds18v
1.8V power supply and Power Group bias supply
PWR
E8, F12, J5, M12
vdds18_mem
Through power for memory package 1.8V
PWR
A7, B17, D1, H17,
P1, T17, U8
A11, A20, B3, N2,
N22
vdds18v_ddr1
1.8v bias supply for Byte0, Byte2, ECC Byte, Addr Cmd
Nop-PoP portion and ext_vref0
PWR
N6, N7
vdds18v_ddr2
1.8v bias supply for Addr Cmd PoP portion
PWR
E7, F4
vdds18v_ddr3
1.8v bias supply for Byte1, Byte3
PWR
N13
vdds_ddr
EMIF IO power supply
PWR
E5, F5, L4, M4,
N11, N12, T1, U14,
U17, U5
AA22, B13, B16,
B19, D22, G22,
K22, R22, U2, V22,
W2
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL
Power Group pins
PWR
G4, G5, G6, H5
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the GPMC
Power Group pins
PWR
B1, B2
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the UART1
and UART2 Power Group pins
PWR
E9
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the RGMII
Power Group pins
PWR
E12, E13
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the VIN1
Power Group pins
PWR
H13, J13, K13
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VOUT1
Power Group pins
PWR
N9, N10, P6, P7
cap_vddram_core1(1)
SRAM array supply for core voltage domain memories
CAP
K12
cap_vddram_core2(1)
SRAM array supply for core voltage domain memories
CAP
J10
cap_vddram_dspeve(1)
SRAM array supply for DSP-EVE memories
CAP
J9
(1) This pin must always be connected via a 1-uF capacitor to vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com