Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 96 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 96 Page - Texas Instruments

Back Button DM504 Datasheet HTML 92Page - Texas Instruments DM504 Datasheet HTML 93Page - Texas Instruments DM504 Datasheet HTML 94Page - Texas Instruments DM504 Datasheet HTML 95Page - Texas Instruments DM504 Datasheet HTML 96Page - Texas Instruments DM504 Datasheet HTML 97Page - Texas Instruments DM504 Datasheet HTML 98Page - Texas Instruments DM504 Datasheet HTML 99Page - Texas Instruments DM504 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 211 page
background image
96
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
NOTE
The following DPLLs are controlled by the clock manager located in the always-on Core
power domain (CM_CORE_AON):
•
DPLL_CORE, DPLL_DDR, DPLL_GMAC_DSP, DPLL_PER, DPLL_EVE_VID_DSP.
For more information on CM_CORE_AON and CM_CORE or PRCM DPLLs, see the Power, Reset, and
Clock Management (PRCM) chapter of the Device TRM.
5.9.4.3.1 DPLL Characteristics
The DPLL has three relevant input clocks. One of them is the reference clock (CLKINP) used to generated
the synthesized clock but can also be used as the bypass clock whenever the DPLL enters a bypass
mode. It is therefore mandatory. The second one is a fast bypass clock (CLKINPULOW) used when
selected as the bypass clock and is optional. The third clock (CLKINPHIF) is explained in the next
paragraph.
The DPLL has three output clocks (namely CLKOUT, CLKOUTX2, and CLKOUTHIF). CLKOUT and
CLKOUTX2 run at the bypass frequency whenever the DPLL enters a bypass mode. Both of them are
generated from the lock frequency divided by a post-divider (namely M2 post-divider). The third clock,
CLKOUTHIF, has no automatic bypass capability. It is an output of a post-divider (M3 post-divider) with
the input clock selectable between the internal lock clock (Fdpll) and CLKINPHIF input of the PLL through
an asynchronous multplexing.
For more information, see the Power, Reset, and Clock Management chapter of the Device TRM.
Table 5-27 summarizes DPLL type described in Section 5.9.4.3, DPLLs, DLLs Specifications.
Table 5-27. DPLL Control Type
DPLL NAME
TYPE
CONTROLLED BY PRCM
DPLL_CORE
Table 5-28 (Type A)
Yes(1)
DPLL_EVE_VID_DSP
Table 5-28 (Type A)
Yes(1)
DPLL_GMAC_DSP
Table 5-28 (Type A)
Yes(1)
DPLL_PER
Table 5-28 (Type A)
Yes(1)
DPLL_DDR
Table 5-28 (Type A)
Yes(1)
(1) DPLL is in the always-on domain.
Table 5-28 and summarize the DPLL characteristics and assume testing over recommended operating
conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com