Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 87 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 87 Page - Texas Instruments

Back Button DM504 Datasheet HTML 83Page - Texas Instruments DM504 Datasheet HTML 84Page - Texas Instruments DM504 Datasheet HTML 85Page - Texas Instruments DM504 Datasheet HTML 86Page - Texas Instruments DM504 Datasheet HTML 87Page - Texas Instruments DM504 Datasheet HTML 88Page - Texas Instruments DM504 Datasheet HTML 89Page - Texas Instruments DM504 Datasheet HTML 90Page - Texas Instruments DM504 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 211 page
background image
vdds18v_ddr1, vdds18v_ddr2,
vdds18v_ddr3, vdds18v,
vdds18_mem, vdda_spi
vdda_osc, vdda_per, vdda_ddr_dsp,
vdda_gmac_core, vdda_csi,
vdda_dac, vdda_adc
vdds_ddr, vdd_mem
vdd
vdd_dspeve
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv5, vddshv6
porz
SPRS917_ELCH_02
xi_osc0
Note 3
Note 4
Note 5
Note 6
Note 7
DSPEVE voltage
CORE voltage
EMIF voltage
87
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
If 3.3V I/O signaling is required, then these rails must be the last to ramp following vdd_dspeve.
(8) resetn and porz must remain asserted low for a minimum of 12P(12) after xi_osc0 is stable at a valid frequency.
(9) Setup time: SYSBOOT[15:0] pins must be valid 2P(12) before porz is de-asserted high.
(10) Hold time: SYSBOOT[15:0] pins must be valid 15P(12) after porz is de-asserted high.
(11) resetn to rstoutn delay is 2ms.
(12) * P = 1/(SYS_CLK1/610) frequency in ns.
(13) Ramped Up is defined as reaching the minimum operational voltage level for the corresponding power domain. For information about
voltage levels, refer to , Recommended Operating Conditions.
Figure 5-2. Power-Down Sequencing
(1) Grey shaded areas show valid times to ramp down each supply.
(2) Dashed lines are not valid ramp times but show alternate ramp possibilities based on the associated note.
(3) If any of the vddshv* are used as 1.8V only, then these rails can ramp down at the same time as vdds18v_* or be combined with
vdds18v_*. If vddshv* are used as 3.3V, they can start ramping down no sooner than 100µs after PORz low assertion and must ramped
down before vdd_dspeve. If all vddshv_* are 1.8V, then neither vdd_dspeve or vdd should start ramping down no sooner than 100µs
after PORz low assertion.
(4) vdd_dspeve can ramp down before or at the same time as vdd/vpp.
(5) vdds_ddr* and vdd_mem* can start ramping down no sooner than 500µs after vdd and must be ramped down before vdds18v.
vdds_ddr* can start ramping down before, concurrently or after vdda_*, there are no dependencies between vdds_ddr* and vdda_*
domains.
–
vdds_ddr* supplies can be combined with vdds18v_* and vdds18v_ddr supplies for DDR2 mode of operation (1.8V) and ramped
down together for simplified power sequencing.
–
If vdds18v_ddr and vdds_ddr* are kept separate from vdds18v_* on board, then this combined DDR supply can come down
together or before the vdds18v_* supply. The DDR supply in this case should never ramp down after the vdds18v_*.
(6) vdda_* can ramp down before or at the same time as vdds18v_*.
(7) xi_osc0 can be turned off anytime after porz assertion and must be turned off before vdda_osc voltage rail is shutdown.
(8) Ramped Down is defined as reaching a voltage level of no more than 0.6V.
Figure 5-3 describes vddshv[1-6] supplies falling after vdds18v supplies delta.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com