Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 70 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 70 Page - Texas Instruments

Back Button DM504 Datasheet HTML 66Page - Texas Instruments DM504 Datasheet HTML 67Page - Texas Instruments DM504 Datasheet HTML 68Page - Texas Instruments DM504 Datasheet HTML 69Page - Texas Instruments DM504 Datasheet HTML 70Page - Texas Instruments DM504 Datasheet HTML 71Page - Texas Instruments DM504 Datasheet HTML 72Page - Texas Instruments DM504 Datasheet HTML 73Page - Texas Instruments DM504 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 211 page
background image
70
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-5. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock Type
Max. Clock
Allowed (MHz)
PRCM Clock
Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
L4_CFG
L4_CFG_CLK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER1
L4_PER1_CLK
Int
133
L4PER_L3_GICLK
CORE_X2_CLK
DPLL_CORE
L4_PER2
L4_PER2_CLK
Int
133
L4PER2_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
L4_PER3
L4_PER3_CLK
Int
133
L4PER3_L3_GICL
K
CORE_X2_CLK
DPLL_CORE
L4_WKUP
L4_WKUP_CLK
Int
38.4
WKUPAON_GICL
K
SYS_CLK1
OSC0
DPLL_ABE_X2_CL
K
DPLL_ABE
MAILBOX1
MAILBOX1_FLCK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
MAILBOX2
MAILBOX2_FLCK
Int
133
L4CFG_L3_GICLK
CORE_X2_CLK
DPLL_CORE
McASP1
MCASP1_AHCLK
R
Func
100
MCASP1_AHCLK
R
DPLL_ABE_X2_CL
K
DPLL_ABE
SYS_CLK1
OSC0
FUNC_96M_AON_
CLK
DPLL_PER
SYS_CLK2
OSC1
XREF_CLK0
REF_CLKIN0
XREF_CLK1
REF_CLKIN1
XREF_CLK2
REF_CLKIN2
XREF_CLK3
REF_CLKIN3
MCASP1_AHCLKX
Func
100
MCASP1_AHCLKX DPLL_ABE_X2_CL
K
DPLL_ABE
SYS_CLK1
OSC0
FUNC_96M_AON_
CLK
DPLL_PER
SYS_CLK2
OSC1
XREF_CLK0
REF_CLKIN0
XREF_CLK1
REF_CLKIN1
XREF_CLK2
REF_CLKIN2
XREF_CLK3
REF_CLKIN3
MCASP1_FCLK
Func
10
MCASP1_AUX_GF
CLK
PER_ABE_X1_GF
CLK
DPLL_ABE
VIDEO1_CLK
DPLL_VIDEO1
VIDEO2_CLK
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
MCASP1_ICLK
Int
133
IPU_L3_GICLK
CORE_X2_CLK
DPLL_CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com