Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 15 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 15 Page - Texas Instruments

Back Button DM504 Datasheet HTML 11Page - Texas Instruments DM504 Datasheet HTML 12Page - Texas Instruments DM504 Datasheet HTML 13Page - Texas Instruments DM504 Datasheet HTML 14Page - Texas Instruments DM504 Datasheet HTML 15Page - Texas Instruments DM504 Datasheet HTML 16Page - Texas Instruments DM504 Datasheet HTML 17Page - Texas Instruments DM504 Datasheet HTML 18Page - Texas Instruments DM504 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
15
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Table 4-1. Pin Attributes(1) (continued)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
A5
csi2_0_dx0
csi2_0_dx0
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A6
csi2_0_dx1
csi2_0_dx1
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B8
csi2_0_dx2
csi2_0_dx2
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A10
csi2_0_dx3
csi2_0_dx3
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A11
csi2_0_dx4
csi2_0_dx4
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B5
csi2_0_dy0
csi2_0_dy0
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B6
csi2_0_dy1
csi2_0_dy1
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
A8
csi2_0_dy2
csi2_0_dy2
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B10
csi2_0_dy3
csi2_0_dy3
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
B11
csi2_0_dy4
csi2_0_dy4
0
IO
1.8
vdda_csi
Yes
LVCMOS
CSI2
PU/PD
U15
cvideo_rset
cvideo_rset
0
A
15
1.8
vdda_dac
NA
AVDAC
NA
R15
cvideo_tvout
cvideo_tvout
0
A
15
1.8
vdda_dac
NA
AVDAC
NA
T15
cvideo_vfb
cvideo_vfb
0
A
15
1.8
vdda_dac
NA
AVDAC
NA
L1
dcan1_rx
dcan1_rx
0
IO
PU
PU
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio4_10
14
IO
Driver off
15
I
M1
dcan1_tx
dcan1_tx
0
IO
PU
PU
15
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio4_9
14
IO
Driver off
15
I
C7
P1
zq
zq
0
FEED
F1
emu0
emu0
0
IO
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio4_28
14
IO
Driver off
15
I
F2
emu1
emu1
0
IO
PU
PU
0
1.8/3.3
vddshv1
Yes
Dual
Voltage
LVCMOS
PU/PD
gpio4_29
14
IO
Driver off
15
I
A4
K2
gpmc_cs1
qspi1_cs0
1
IO
PU
PU
15
1.8/3.3
vddshv2
Yes
Dual
Voltage
LVCMOS
PU/PD
1
gpio1_7
14
IO
Driver off
15
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com