Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 45 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 45 Page - Texas Instruments

Back Button DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments DM504 Datasheet HTML 46Page - Texas Instruments DM504 Datasheet HTML 47Page - Texas Instruments DM504 Datasheet HTML 48Page - Texas Instruments DM504 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 211 page
background image
45
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-17. GMAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
rgmii0_rxc
RGMII0 Receive Clock
I
A12
rgmii0_rxctl
RGMII0 Receive Control
I
B12
rgmii0_rxd0
RGMII0 Receive Data
I
A15
rgmii0_rxd1
RGMII0 Receive Data
I
C15
rgmii0_rxd2
RGMII0 Receive Data
I
B15
rgmii0_rxd3
RGMII0 Receive Data
I
A14
rgmii0_txc
RGMII0 Transmit Clock
O
C12
rgmii0_txctl
RGMII0 Transmit Enable
O
D12
rgmii0_txd0
RGMII0 Transmit Data
O
C11
rgmii0_txd1
RGMII0 Transmit Data
O
E11
rgmii0_txd2
RGMII0 Transmit Data
O
D11
rgmii0_txd3
RGMII0 Transmit Data
O
C10
mdio_d
Management Data
IO
C13
mdio_mclk
Management Data Serial Clock
O
B14
4.3.17 SDIO Controller
NOTE
For more information, see the SDIO Controller section of the device TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-70.
Table 4-18. SDIO Controller Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Multi Media Card 1
mmc_clk
MMC1 clock
IO
A12, C12, R13
mmc_cmd
MMC1 command
IO
B12, D12, R12
mmc_dat0
MMC1 data bit 0
IO
A14, C10, U11
mmc_dat1
MMC1 data bit 1
IO
B15, D11, P12
mmc_dat2
MMC1 data bit 2
IO
C15, E11, T11
mmc_dat3
MMC1 data bit 3
IO
A15, C11, R11
4.3.18 GPIO
NOTE
For more information, see the General-Purpose Interface section of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com