Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 38 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 38 Page - Texas Instruments

Back Button DM504 Datasheet HTML 34Page - Texas Instruments DM504 Datasheet HTML 35Page - Texas Instruments DM504 Datasheet HTML 36Page - Texas Instruments DM504 Datasheet HTML 37Page - Texas Instruments DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 211 page
background image
38
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
Table 4-7. CPI Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
cpi_data13
Camera parallel data 13
I
K17
4.3.7
CSI2
NOTE
For more information, see the Imaging Subsystem chapter of the device TRM.
CAUTION
The IO timings provided in Section 5.9 Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-34.
Table 4-8. CSI 2 Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
csi2_0_dx0
Serial Differential data/clock positive input - lane 0 (position 1)
I
A5
csi2_0_dy0
Serial Differential data/clock negative input - lane 0 (position 1)
I
B5
csi2_0_dx1
Serial Differential data/clock positive input - lane 1 (position 2)
I
A6
csi2_0_dy1
Serial Differential data/clock negative input - lane 1 (position 2)
I
B6
csi2_0_dx2
Serial Differential data/clock positive input - lane 2 (position 3)
I
B8
csi2_0_dy2
Serial Differential data/clock negative input - lane 2 (position 3)
I
A8
csi2_0_dx3
Serial Differential data/clock positive input - lane 3 (position 4)
I
A10
csi2_0_dy3
Serial Differential data/clock negative input - lane 3 (position 4)
I
B10
csi2_0_dx4
Serial Differential data positive input only - lane 4 (position 5) (1)
I
A11
csi2_0_dy4
Serial Differential data negative input only - lane 4 (position 5) (1)
I
B11
(1) Lane 4 (position 5) supports only data. For more information see Imaging Subsystem of the device TRM.
4.3.8
EMIF
NOTE
For more information, see the Memory Subsystem / EMIF1 Controller section of the device
TRM.
NOTE
The index number 1 which is part of the EMIF1 signal prefixes (ddr1_*) listed in Table 4-9,
EMIF1 Signal Descriptions, column "SIGNAL NAME" is not to be confused with DDR1 type
of SDRAM memories.
Table 4-9. EMIF1 Signal Descriptions
SIGNAL
NAME
DESCRIPTION
TYPE
BOTTOM BALL
TOP BALL
ddr1_ca0
EMIF1 command / address bit 0
O
AC6
ddr1_ca1
EMIF1 command / address bit 1
O
AB6
ddr1_ca2
EMIF1 command / address bit 2
O
AC7
ddr1_ca3
EMIF1 command / address bit 3
O
AB8
ddr1_ca4
EMIF1 command / address bit 4
O
AB9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com