Electronic Components Datasheet Search
  English  ▼

X  

DM504 Datasheet(PDF) 61 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DM504 Datasheet HTML 57Page - Texas Instruments DM504 Datasheet HTML 58Page - Texas Instruments DM504 Datasheet HTML 59Page - Texas Instruments DM504 Datasheet HTML 60Page - Texas Instruments DM504 Datasheet HTML 61Page - Texas Instruments DM504 Datasheet HTML 62Page - Texas Instruments DM504 Datasheet HTML 63Page - Texas Instruments DM504 Datasheet HTML 64Page - Texas Instruments DM504 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 211 page
background image
61
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.5
Connections for Unused Pins
This section describes the connection requirements of the unused and reserved balls.
NOTE
The following bottom balls are reserved: D2 / A16
These balls must be left unconnected.
NOTE
The following top balls are reserved: AC4 / AB4
These balls can be left unconnected.
NOTE
All unused power supply balls must be supplied with the voltages specified in the
Section 5.4, Recommended Operating Conditions, unless alternative tie-off options are
included in Section 4.3, Signal Descriptions.
Table 4-27. Unused Balls Specific Connection Requirements
Bottom Balls
Connection Requirements
C17 / E16 / G2
These balls must be connected to GND through an external pull
resistor if unused
G1 / F3 / E2 / K2 / K3 / H2
These balls must be connect to the corresponding power supply
through an external pull resistor if unused
N17 / N16 / N15 / P17 / P16 / M15 / L17 / M14 / L16
These balls must be connected together to GND through a single
external 10k-ohm resistor if unused.
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their internal pull-up or pull-down resistor enabled.
NOTE
All other unused signal balls without Pad Configuration Register can be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com