Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 128 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 128 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 124Page - Advanced Micro Devices ELANSC520 Datasheet HTML 125Page - Advanced Micro Devices ELANSC520 Datasheet HTML 126Page - Advanced Micro Devices ELANSC520 Datasheet HTML 127Page - Advanced Micro Devices ELANSC520 Datasheet HTML 128Page - Advanced Micro Devices ELANSC520 Datasheet HTML 129Page - Advanced Micro Devices ELANSC520 Datasheet HTML 130Page - Advanced Micro Devices ELANSC520 Datasheet HTML 131Page - Advanced Micro Devices ELANSC520 Datasheet HTML 132Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 440 page
background image
General-Purpose Bus Controller Registers
10-12
Élan™SC520 Microcontroller Register Set Manual
GP Write Pulse Width (GPWRW)
Memory-Mapped
MMCR Offset C0Dh
Register Description
This register is used to program the pulse width for the write strobes (GPIOWR and GPMEMWR).
Bit Definitions
Programming Notes
Figure 10-1 on page 10-7 shows the relationships between the various adjustable GP bus timing parameters.
7
6
5
4
3
2
1
0
Bit
GP_WR_WIDTH[7–0]
Reset
00000000
R/W
R/W
Bit
Name
Function
7
–0
GP_WR_
WIDTH[7–0]
Signal Width for (GPIOWR and GPMEMWR)
This field adjusts the signal pulse width (time) of the GP bus write strobes.
The resolution of this parameter is one internal (33-MHz) clock period.
The width used is (GP_WR_WIDTH + 1) internal clock periods; i.e., if GP_WR_WIDTH is 0,
the pulse is one clock period wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com