Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 162 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 162 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 158Page - Advanced Micro Devices ELANSC520 Datasheet HTML 159Page - Advanced Micro Devices ELANSC520 Datasheet HTML 160Page - Advanced Micro Devices ELANSC520 Datasheet HTML 161Page - Advanced Micro Devices ELANSC520 Datasheet HTML 162Page - Advanced Micro Devices ELANSC520 Datasheet HTML 163Page - Advanced Micro Devices ELANSC520 Datasheet HTML 164Page - Advanced Micro Devices ELANSC520 Datasheet HTML 165Page - Advanced Micro Devices ELANSC520 Datasheet HTML 166Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 440 page
background image
GP DMA Controller Registers
11-30
Élan™SC520 Microcontroller Register Set Manual
GP-DMA Channel 6 Next Address Low (GPDMANXTADDL6)
Memory-Mapped
MMCR Offset DA8h
Register Description
This register provides address bits A15–A0 of the next memory address for Channel 6 in buffer chaining mode.
Bit Definitions
Programming Notes
The value of this register is ignored if buffer chaining mode is not enabled for this channel in the GPDMABCCTL
register (see page 11-21).
Bit 0 of this register (GPDMANXTADDL6) is ignored for 16-bit mode transfers, so the buffer address used is always
even in 16-bit mode. Software should ensure that 16-bit mode buffers always begin on an even word boundary.
15
14
13
12
11
10
9
8
Bit
DMA6_NXT_ADR[15
–8]
Reset
00000000
R/W
R/W
7
6
5
4
3
2
1
0
Bit
DMA6_NXT_ADR[7
–0]
Reset
00000000
R/W
R/W
Bit
Name
Function
15–0
DMA6_NXT_
ADR[15
–0]
DMA Channel 6 Next Address Low
This bit field provides address bits A15–A0 of the next memory buffer to be used by Channel 6
in the buffer chaining mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com