Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 175 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 175 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 171Page - Advanced Micro Devices ELANSC520 Datasheet HTML 172Page - Advanced Micro Devices ELANSC520 Datasheet HTML 173Page - Advanced Micro Devices ELANSC520 Datasheet HTML 174Page - Advanced Micro Devices ELANSC520 Datasheet HTML 175Page - Advanced Micro Devices ELANSC520 Datasheet HTML 176Page - Advanced Micro Devices ELANSC520 Datasheet HTML 177Page - Advanced Micro Devices ELANSC520 Datasheet HTML 178Page - Advanced Micro Devices ELANSC520 Datasheet HTML 179Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 440 page
background image
GP DMA Controller Registers
Élan™SC520 Microcontroller Register Set Manual
11-43
Slave DMA Channel 0 Transfer Count (GPDMA0TC)
Direct-Mapped
I/O Address 0001h
Register Description
This register contains bits 15–0 of the transfer count for Channel 0 during DMA operation.
Bit Definitions
Programming Notes
To ensure that the lower byte of this register (GPDMA0TC) is always accessed first, software should precede any
access to this register with a write to the SLDMACBP register (see page 11-57) to clear the slave DMA byte pointer.
In PCI bus 2.2-compliant designs, software must limit the length of GP bus DMA demand- or block-mode transfers.
Very large transfers could cause the PCI Host Bridge target controller to violate the 10-µs memory write maximum
completion time limit set in the
PCI Local Bus Specification, Revision 2.2.
7
6
5
4
3
2
1
0
Bit
DMA0TC[15
–0]
Reset
xxxxxxxx
R/W
R/W!
Bit
Name
Function
7–0
DMA0TC
[15–0]
DMA Channel 0 Transfer Count (16-Bit Register)
This 8-bit field is used in two successive I/O accesses to read or write the channel’s transfer
count bits 15–0.
Bits 7–0 of the channel’s transfer count can be read from or written to this bit field immediately
after a write to the SLDMACBP register (see page 11-57).
Bits 15–8 of the channel’s transfer count can be read from or written to this bit field
immediately after transfer count bits 7–0 are read from or written to this bit field.
The actual number of transfers is one more than the programmed transfer count value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com