Electronic Components Datasheet Search
  English  ▼

X  

ELANSC520 Datasheet(PDF) 176 Page - Advanced Micro Devices

Part # ELANSC520
Description  Microcontroller
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ELANSC520 Datasheet(HTML) 176 Page - Advanced Micro Devices

Back Button ELANSC520 Datasheet HTML 172Page - Advanced Micro Devices ELANSC520 Datasheet HTML 173Page - Advanced Micro Devices ELANSC520 Datasheet HTML 174Page - Advanced Micro Devices ELANSC520 Datasheet HTML 175Page - Advanced Micro Devices ELANSC520 Datasheet HTML 176Page - Advanced Micro Devices ELANSC520 Datasheet HTML 177Page - Advanced Micro Devices ELANSC520 Datasheet HTML 178Page - Advanced Micro Devices ELANSC520 Datasheet HTML 179Page - Advanced Micro Devices ELANSC520 Datasheet HTML 180Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 440 page
background image
GP DMA Controller Registers
11-44
Élan™SC520 Microcontroller Register Set Manual
Slave DMA Channel 1 Memory Address (GPDMA1MAR)
Direct-Mapped
I/O Address 0002h
Register Description
This register contains bits 15–0 of the memory address for Channel 1 during DMA operation.
Bit Definitions
Programming Notes
To ensure that the lower byte of this register (GPDMA1MAR) is always accessed first, software should precede any
access to this register with a write to the SLDMACBP register (see page 11-57) to clear the slave DMA byte pointer.
The value in this register (GPDMA1MAR) is used with the values in the GPDMA1PG register (see page 11-65) and
the GPDMAEXTPG1 register (see page 11-11) to generate DMA address bits 27–0.
7
6
5
4
3
2
1
0
Bit
DMA1MAR[15
–0]
Reset
xxxxxxxx
R/W
R/W!
Bit
Name
Function
7–0
DMA1MAR
[15–0]
Lower 16 Bits of DMA Channel 1 Memory Address
This 8-bit field is used in two successive I/O accesses to read or write the channel’s memory
address bits 15–0.
Bits 7–0 of the channel’s memory address can be read from or written to this bit field
immediately after a write to the SLDMACBP register (see page 11-57).
Bits 15–8 of the channel’s memory address can be read from or written to this bit field
immediately after memory address bits 7–0 are read from or written to this bit field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com