Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 185 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 185 Page - Analog Devices

Back Button AD9546 Datasheet HTML 181Page - Analog Devices AD9546 Datasheet HTML 182Page - Analog Devices AD9546 Datasheet HTML 183Page - Analog Devices AD9546 Datasheet HTML 184Page - Analog Devices AD9546 Datasheet HTML 185Page - Analog Devices AD9546 Datasheet HTML 186Page - Analog Devices AD9546 Datasheet HTML 187Page - Analog Devices AD9546 Datasheet HTML 188Page - Analog Devices AD9546 Datasheet HTML 189Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 185 of 205
WATCHDOG TIMER
The watchdog timer is a general-purpose programmable timer
capable of triggering a specific IRQ event (see Figure 124). The
timer relies on the system clock, however. Therefore, the
system clock must be present and locked for the watchdog
timer to be functional. The bit fields associated with the watchdog
timer reside in the Mx pin status and control function section of
the register map.
The user sets the period of the watchdog timer via Bits[15:0] in
Register 0x010A and Register 0x010B. The 16-bit unsigned
timeout value carries units of milliseconds and provides a range
of 1 ms to 65.535 sec.
A value of zero (default) disables the watchdog timer. The relative
accuracy of the timer is approximately 0.1% with an uncertainty
of 0.5 ms.
Updating the watchdog timer value automatically clears the
timer, ensuring a correct timeout period (per the new value)
starting from the moment of the update.
The 16-bit watchdog timer value relates to the timeout period
as follows:
Watchdog Timer Value = Timeout Period × 103
To determine the watchdog timer value necessary for a timeout
period of 10 sec,
Watchdog Timer Value = Timeout Period × 103
= 10 × 103
= 10,000
= 0x2710 (hexadecimal)
If enabled, the timer runs continuously and generates a timeout
IRQ event when the timeout period expires. The user has access
to the watchdog timer status as an IRQ bit (see the Interrupt
Request (IRQ) section) via Bit 2 of Register 0x300B.
Because Bit 2 of Register 0x300B is a latched IRQ bit, the user
must clear it via Bit 2 of Register 0x2006 to obtain visibility of
subsequent watchdog timeout events. The user also has access to
the watchdog timeout status by assigning the watchdog timer to
an Mx status pin. In this case, the timeout event of the
watchdog timer is a pulse spanning 96 system clock periods
(approximately 40 ns).
There are two ways to reset the watchdog timer, thereby
preventing it from indicating a timeout event. The first method
is by writing a Logic 1 to Bit 7 (an autoclearing bit) in Register
0x2005. Alternatively, the user can program any of the Mx pins
as a control pin to reset the watchdog timer, which allows the
user to reset the timer using a hardware pin rather than using
the register map.
There are two typical cases for employing the watchdog timer,
both of which assume the watchdog timer output appears at the
output of an appropriately configured Mx status pin. The first case
is for an external device (an FPGA or microcontroller, for
example) to monitor the watchdog timer output, using the
output as a signal to carry out periodic housekeeping functions.
The second case is to have the watchdog timer output
connected to the external device such that the assertion of the
watchdog output resets the external device. In this way, under
normal operation, the external device repeatedly resets the
watchdog timer by either writing Logic 1 to the clear watchdog
bit or by asserting an Mx control pin configured for clearing the
watchdog. Therefore, as long as the external device keeps
resetting the watchdog timer before the timer times out, the
watchdog timer does not generate an output signal. As such,
the watchdog timer does not reset the external device.
However, if the external device fails to reset the watchdog timer
before the timeout period expires, the watchdog timer
eventually times out, resetting the external device via the
appropriately configured Mx status pin.
TIMER
CLK
OUT
PRESET
CLEAR
Mx PIN FUNCTION LOGIC
Mx PINS
40ns
TO IRQ EVENT
SOURCE LOGIC
CLEAR
WATCHDOG VIA
Mx PIN
WATCHDOG
OUTPUT VIA
Mx PIN
INTERNAL
1kHz CLOCK
16
NOTE
1. A RANGE OF BITS USES A COLON SEPARATOR
REG 0x2005, BIT 7
REG 0x010B TO 0x010A, BITS[15:0]
Figure 124. Watchdog Timer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com