Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 181 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 181 Page - Analog Devices

Back Button AD9546 Datasheet HTML 177Page - Analog Devices AD9546 Datasheet HTML 178Page - Analog Devices AD9546 Datasheet HTML 179Page - Analog Devices AD9546 Datasheet HTML 180Page - Analog Devices AD9546 Datasheet HTML 181Page - Analog Devices AD9546 Datasheet HTML 182Page - Analog Devices AD9546 Datasheet HTML 183Page - Analog Devices AD9546 Datasheet HTML 184Page - Analog Devices AD9546 Datasheet HTML 185Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 181 of 205
When the start-up conditions select the serial port to be I2C
mode (that is, M4 is Logic 1 at startup), the SDO/M5 and
CSB/M6 pins determine the I2C port device address offset, per
Table 103. The logic levels in Table 103 only apply during a
power-up or reset operation.
Table 103. I²C Device Address Offset
CSB/M6
SDO/M5
M4
Address Offset
X1
X1
0
Not applicable
0
0
1
1001000 (0x48)
0
1
1
1001001 (0x49)
1
0
1
1001010 (0x4A)
1
1
1
1001011 (0x4B)
1
X means don’t care.
DEFINING AN Mx PIN FOR STATUS OR CONTROL
To define an Mx pin as a status or control pin, use Bit 7 in the
register address associated with the Mx pin per Table 104.
Logic 0 (default) defines the associated Mx pin as a control pin,
whereas Logic 1 defines the associated Mx pin as a status pin.
Table 104. Mx Pin Mode Register Addresses
Mx Pin
Register Address
M0
0x0102
M1
0x0103
M2
0x0104
M3
0x0105
M4
0x0106
SDO/M5
0x0107
CSB/M6
0x0108
The status or control function for an Mx pin depends on an
8-bit code stored in the Mx pin function register addresses
associated with a specific Mx pin per Table 105.
Because the Mx pin mode and code reside in different registers,
the following programming procedure is necessary. First, write
the desired mode via Bit 7 of the appropriate mode register (see
Table 104) with Bits[6:0] = 0. Then, write the desired code to
the corresponding code register (see Table 105). Finally, assert
an IO update. When programming more than one Mx pin, it is
acceptable to wait until all the desired Mx pin mode and code
registers are programmed before asserting an IO update.
Table 105. Mx Pin Status or Control Code Register Addresses
Mx Pin
Register Address
M0
0x0182
M1
0x0183
M2
0x0184
M3
0x0185
M4
0x0186
SDO/M5
0x0187
CSB/M6
0x0188
A 2-bit modifier augments the status or control functionality of
an Mx pin. Each Mx pin has a dedicated modifier bit pair per
Table 106. The modifier bits affect the associated Mx pin
differently depending on the Mx pin operating mode: status or
control. The specific meaning of the 2-bit code appears in
Table 107 for status functions and in Table 108 for control
functions.
Table 106. Modifier Bits of Mx Pin Functionality
Register Address
[D7:D6]
[D5:D4]
[D3:D2]
[D1:D0]
0x0100
M3
M2
M1
M0
0x0101
Unused
M6
M5
M4
STATUS FUNCTIONALITY
Configuring an Mx pin for status functionality gives the user
access to specific internal device status and IRQ functions in
the form of a hardware pin that produces a logic signal.
The drive strength of an Mx pin when configured for status
functionality is programmable via Bits[6:0] of Register 0x0109,
where Bits[6:0] correspond to M6 to M0, respectively). Logic 0
(default) selects normal drive strength (~6 mA) and Logic 1
selects weak drive strength (~3 mA).
When configured as a status pin, the modifier bits affect the status
functionality per Table 107. The PMOS open-drain mode requires
an external pull-down resistor. The NMOS open-drain mode
requires an external pull-up resistor. The open-drain modes enable
the implementation of wire-OR’ed functionality of multiple Mx
status pins (including Mx status pins across multiple AD9546
devices or other compatible devices—for example, to implement
an IRQ bus).
Table 107. Mx Status Pin 2-Bit Modifier Codes from Table 106
Code
Mode
Description
00
CMOS,
active high
Default. Output is Logic 0 for a deasserted
internal function and Logic 1 for an
asserted internal function.
01
CMOS,
active low
Output is Logic 1 for deasserted internal
function and Logic 0 for an asserted
internal function.
10
PMOS,
open drain
Output is high impedance for a deasserted
internal function and active high for an
asserted internal function.
11
NMOS,
open drain
Output is high impedance for a deasserted
internal function and active low for an
asserted internal function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com