Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 179 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 179 Page - Analog Devices

Back Button AD9546 Datasheet HTML 175Page - Analog Devices AD9546 Datasheet HTML 176Page - Analog Devices AD9546 Datasheet HTML 177Page - Analog Devices AD9546 Datasheet HTML 178Page - Analog Devices AD9546 Datasheet HTML 179Page - Analog Devices AD9546 Datasheet HTML 180Page - Analog Devices AD9546 Datasheet HTML 181Page - Analog Devices AD9546 Datasheet HTML 182Page - Analog Devices AD9546 Datasheet HTML 183Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 179 of 205
The value of the 3-bit bit field for a given destination establishes
the COMPx factor applied to that destination (see the
Integrated Compensation Subsystem section for details).
The compensation methods relate to columns in the bit field
matrix of Figure 121, whereas the compensation destinations
relate to rows. Organizing the compensation bit field matrix in
this way enables any compensation destination to receive any
one of the eight possible COMPx signals (see Figure 120).
Certain compensation destinations have constraints on which
compensation methods apply (see the Compensation
Assignment Guidelines section).
For example, to provide system clock compensation to
Auxiliary NCO 0 using a combination of Compensation
Method 1 and Compensation Method 3, follow these steps:
1. Determine the appropriate compensation destination bit
field per Figure 121. In this case, Bits[2:0] of
Register 0x0281 apply because the compensation
destination is auxiliary NCO 0.
2. Determine the 3-bit code to write to Bits[2:0] of
Register 0x0281 per the leftmost column of Table 100
corresponding to the appropriate COMPx. In this case, the
code is 5 (101 binary) because it uses CF1 and CF3 per the
middle column of Table 100. In conclusion, by programming
Bits[2:0] = 5 in Register 0x0281, auxiliary NCO 0 receives
both Compensation Method 1 and Compensation Method 3.
D7
NOT USED
AUXILIARY DPLL NCO
COMPENSATION
DESTINATION
D6
D5
D4
D3
REFx AND AUXILIARY REFx TDC
COMPENSATION DESTINATION
D2
D1
D0
AUXILIARY NCO 1
COMPENSATION DESTINATION
AUXILIARY NCO 0
COMPENSATION DESTINATION
DPLL1 NCO
COMPENSATION DESTINATION
DPLL0 NCO
COMPENSATION DESTINATION
DATA
BITS
0x0280
0x0281
0x0282
CF3
NOT USED
NOT USED
NOT USED
NOT USED
NOT USED
CF2
CF1
CF3
CF2
CF1
Figure 121. System Clock Compensation Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com