Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 176 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 176 Page - Analog Devices

Back Button AD9546 Datasheet HTML 172Page - Analog Devices AD9546 Datasheet HTML 173Page - Analog Devices AD9546 Datasheet HTML 174Page - Analog Devices AD9546 Datasheet HTML 175Page - Analog Devices AD9546 Datasheet HTML 176Page - Analog Devices AD9546 Datasheet HTML 177Page - Analog Devices AD9546 Datasheet HTML 178Page - Analog Devices AD9546 Datasheet HTML 179Page - Analog Devices AD9546 Datasheet HTML 180Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 176 of 205
The auxiliary DPLL reference monitor status is also available
via the IRQ mechanism (see the Interrupt Request (IRQ)
section) by means of Bit 2 and Bit 3 of Register 0x300C. Bit 2
and Bit 3 provide latched information regarding state
transitions of the auxiliary DPLL reference status bit. Bit 2
latches to Logic 1 when the auxiliary DPLL reference status bit
transitions from Logic 0 to Logic 1, whereas Bit 3 latches to
Logic 1 when the auxiliary DPLL reference status bit transitions
from Logic 1 to Logic 0.
Because Bit 2 and Bit 3 represent the latched state transitions of
the auxiliary DPLL reference status bit, they may represent a
condition that is no longer true. Therefore, the user must clear
Bit 2 and Bit 3 via Bit 2 and Bit 3, respectively, of Register 0x2007.
Otherwise, the user may lose indication of subsequent state
changes of the auxiliary DPLL reference status bit.
XOA
XOB
SYSTEM
CLOCK
SOURCE
fSRC
AD9546
fS
TIME STAMP
PROCESSOR
AUXILIARY DPLL
REFERENCE
MONITOR
LOCK
DETECTOR
DIGITAL
LOOP
FILTER
REFx
OR Mx
STABLE
FREQUENCY
SOURCE
fREF
REFERENCE
DIVIDER
AND TDC
DIGITAL
CROSS
POINT
MUX
5
TIME
STAMPS
PROGRAMMED
REFERENCE
PERIOD
REFERENCE
SOURCE
SELECT
PERIOD
ERROR
TIME SCALE
GENERATOR
REG 0x0206 TO 0x0202, BITS[39:0]
SYSCLK REF FREQ
CF3
SYSTEM CLOCK
COMPENSATION
SUBSYSTEM
INTERFACE
COMPX
TIME
SCALE
NOTE
1. A RANGE OF BITS USES A COLON SEPARATOR
SYSTEM
CLOCK PLL
REG 0x0286 TO 0x0285, BITS[15:0]
REG 0x0284, BITS[4:0]
REG 0x040B TO 0x0404, BITS[59:0]
REG 0x042B TO 0x0424, BITS[59:0]
REG 0x044B TO 0x0444, BITS[59:0]
REG 0x046B TO 0x0464, BITS[59:0]
REG 0x048B TO 0x0484, BITS[59:0]
REG 0x04AB TO 0x04A4, BITS[59:0]
REG 0x04CB TO 0x04C4, BITS[59:0]
REG 0x04EB TO 0x04E4, BITS[59:0]
Figure 119. Compensation Method 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com