Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 178 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 178 Page - Analog Devices

Back Button AD9546 Datasheet HTML 174Page - Analog Devices AD9546 Datasheet HTML 175Page - Analog Devices AD9546 Datasheet HTML 176Page - Analog Devices AD9546 Datasheet HTML 177Page - Analog Devices AD9546 Datasheet HTML 178Page - Analog Devices AD9546 Datasheet HTML 179Page - Analog Devices AD9546 Datasheet HTML 180Page - Analog Devices AD9546 Datasheet HTML 181Page - Analog Devices AD9546 Datasheet HTML 182Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 178 of 205
Each compensation method produces its own compensation
factors (CF1, CF2, and CF3). The combiner translates the three
CFx factors to eight possible combined compensation factors,
COMPx, according to Table 100. The index, x, of COMPx is the
3-bit value programmed in the associated compensation
destination bit field per Figure 121.
Table 100. Composite Compensation Factor (COMPx)
COMPx Index (x)
Compensation Factor
Index
Combiner
Output
0
Not applicable
0
1
1
CF1
2
2
CF2
3
1, 2
CF1 × CF2
4
3
CF3
5
1, 3
CF1 × CF3
6
2, 3
CF2 × CF3
7
1, 2, 3
CF1 × CF2 × CF3
The distributor gives the user the ability to connect any COMPx
output from the combiner to any compensation destination.
The AD9546 implements the distributor through six 3-bit bit
fields, where each bit field corresponds to a specific
compensation destination per Figure 121. The user assigns a
COMPx factor to a specific destination by writing a 3-bit value
to the corresponding compensation destination bit field. See
the System Clock Compensation Programming Registers
section for a register programming example.
Any of the COMPx selections (except for COMP0) constitute a
real-time sequence of compensation values originating from the
various compensation sources. This real-time sequence
continuously applies to the associated compensation destination.
Because the COMPX outputs respond to the various stimuli
associated with the compensation sources, COMPx tends to
vary over time, causing the associated compensation
destination to vary accordingly. However, if the frequency
variation vs. time slope is too large, the slope can appear as an
unwanted noise source to compensation destinations employing
closed-loop compensation (such as DPLL0, DPLL1, and the
auxiliary DPLL).
To mitigate the potential noise injection caused by COMPx
exhibiting an excessive frequency variation vs. time slope, the
combiner employs programmable rate limiting via a slew rate
limiter. The slew rate limiter effectively prevents the rate of
change of frequency originating from compensation sources
from exceeding a preset limit.
The user controls rate limiting via Bits[2:0] of Register 0x0283
according to Table 101. The rate limit values are in units of
parts per million per second (ppm/sec or 10−6/sec) and
represent the maximum rate of change of COMPx that occurs
given the value of Bits[2:0]. Because rate limiting applies
globally to COMP1 through COMP7, the user must base the rate
limit selection on the stability requirements of the most
frequency sensitive compensation destination.
Table 101. Compensation Rate Limiting
Bits[2:0] (Binary)
Rate Limit (ppm/sec)
000
None
001
0.715
010
1.430
011
2.860
100
5.720
101
11.44
110
22.88
111
45.76
Compensation Assignment Guidelines
When using a UTSP (see the User Time Stamp Processor
(UTSP) section) with an auxiliary NCO selected as the time
scale, both the auxiliary NCO and the UTSP time stamp source
must use the same COMPx factor. That is, the user must
program identical values in the bit field of the REFx or auxiliary
REFx TDC compensation destination and in the bit field of the
auxiliary NCO 0 or auxiliary NCO 1 compensation destination
(whichever is the selected time scale for the UTSP). See Figure 121
for the compensation destination bit fields.
To avoid a positive feedback loop in the integrated
compensation subsystem, do not assign COMPx sources
involving CF2 in Table 100 to the following compensation
destinations:
•
DPLL0 NCO compensation destination when Bit 0 of
Register 0x0287 is Logic 0
•
DPLL1 NCO compensation destination when Bit 0 of
Register 0x0287 is Logic 1
Likewise, do not assign COMPx sources involving CF3 in Table 100
to the auxiliary DPLL (the reason Bit 6 of Register 0x280 is
shaded out in Figure 121).
SYSTEM CLOCK COMPENSATION PROGRAMMING
REGISTERS
System clock compensation comprises three compensation
methods and six compensation destinations. Three 8-bit
registers constitute the function of the distributor in Figure 120.
The three registers function as a connection matrix with six
3-bit bit fields distributed over the three registers (see Figure 121).
Each 3-bit bit field associates with one of the following six
compensation destinations:
•
Auxiliary DPLL
•
REFx TDCs and auxiliary REFx TDCs
•
Auxiliary NCO 0
•
Auxiliary NCO 1
•
DPLL0
•
DPLL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com