| Electronic Components Datasheet Search |
|
AD9546 Datasheet(PDF) 177 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546 Datasheet(HTML) 177 Page - Analog Devices |
|
177 / 205 page ![]() Data Sheet AD9546 Rev. 0 | Page 177 of 205 Auxiliary DPLL Lock Detector The auxiliary DPLL has a built in lock detector for indicating lock status. The lock and unlock thresholds for the lock detector are fixed and not user programmable. The auxiliary DPLL lock detector status is available in real time via status Bit 1 (auxiliary DPLL lock status) of Register 0x3002. The auxiliary DPLL lock and unlock states are Logic 1 and Logic 0, respectively. The auxiliary DPLL lock detector status is also available via the IRQ mechanism (see the Interrupt Request (IRQ) section) by means of Bit 0 and Bit 1 of Register 0x300C. Bit 0 and Bit 1 provide latched information regarding state transitions of the auxiliary DPLL lock status bit. Bit 0 latches to Logic 1 when the auxiliary DPLL lock status bit transitions from Logic 0 to Logic 1, whereas Bit 1 latches to Logic 1 when the auxiliary DPLL lock status bit transitions from Logic 1 to Logic 0. Because Bit 0 and Bit 1 represent the latched state transitions of the auxiliary DPLL lock status bit, they may represent a condition that is no longer true. Therefore, the user must clear Bit 0 and Bit 1 via Bit 0 and Bit 1, respectively, of Register 0x2007. Otherwise, the user may lose indication of subsequent state changes of the auxiliary DPLL lock status bit. Auxiliary DPLL Holdover Under normal conditions, the auxiliary DPLL continuously updates CF3 computations with each rising edge event to the TDC associated with the stable reference. Under certain conditions, however, the auxiliary DPLL can enter a holdover state. For example, The user programs auxiliary DPLL bandwidth = 0 The reference monitor indicates a fault While in the holdover state, the auxiliary DPLL is effectively in an open-loop condition (that is, the NCO output is static). As such, the auxiliary DPLL holds the CF3 value that existed just prior to entering the holdover state. Therefore, it is not possible to ascertain further stability information until the loop resumes normal operation. When the condition that forced holdover no longer exists, however, the auxiliary DPLL returns to closed- loop operation and resumes updating CF3 (that is, when the lock detector indicates a lock condition). INTEGRATED COMPENSATION SUBSYSTEM The three compensation methods comprise the integrated compensation subsystem of the AD9546. The compensation subsystem allows the user to employ any combination of the three compensation methods to any of the NCOs and TDCs within the AD9546 (barring a few exceptions per the Compensation Assignment Guidelines section). Figure 120 shows a simplified block diagram of the compensation subsystem. In Figure 120, note the implied feedback path between DPLL0/DPLL1 and Compensation Method 2 and between the auxiliary DPLL and Compensation Method 3. The reason for the implied feedback is that the indicated compensation destination (the auxiliary DPLL, for example) can receive compensation from any of the compensation sources via the combiner and distributor. Thus, the compensation destination can potentially apply self compensation, which leads to an undesired positive feedback loop. The user must avoid such loops (see the Compensation Assignment Guidelines section). For digitized clocking applications (see the Digitized Clocking section), the common clock DPLL replaces the auxiliary DPLL. Thus, in a digitized clocking application, CF3 originates from the common clock DPLL. The implication is that, when applying system clock compensation in a digitized clocking application, the burden of stability falls on the common clock reference to the common clock DPLL. COMPENSATION METHOD 3 COMPENSATION METHOD 2 COMPENSATION METHOD 1 SLEW RATE LIMITER CF3 CF2 CF1 COMP0 COMP7 COMP6 COMP5 COMP4 COMP3 COMP2 COMP1 DISTRIBUTOR COMPENSATION DESTINATIONS COMPENSATION METHODS COMBINER REFx TDCS AND AUXILIARY TDCS AUXILIARY DPLL AUXILIARY NCO 0/NCO 1 DPLL0/DPLL1 Figure 120. Integrated Compensation Subsystem |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |