Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 186 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 186 Page - Analog Devices

Back Button AD9546 Datasheet HTML 182Page - Analog Devices AD9546 Datasheet HTML 183Page - Analog Devices AD9546 Datasheet HTML 184Page - Analog Devices AD9546 Datasheet HTML 185Page - Analog Devices AD9546 Datasheet HTML 186Page - Analog Devices AD9546 Datasheet HTML 187Page - Analog Devices AD9546 Datasheet HTML 188Page - Analog Devices AD9546 Datasheet HTML 189Page - Analog Devices AD9546 Datasheet HTML 190Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 186 of 205
EEPROM USAGE
EEPROM OVERVIEW
The AD9546 supports an external, I2C-compatible, EEPROM
with dedicated access. With some restrictions, the AD9546 also
supports multidevice access to a single external EEPROM on a
shared I2C common bus. The AD9546 has an on-chip I2C
master to interface to the EEPROM through the Mx pins.
Because the default register settings of the AD9546 do not
define a specific frequency translation, the user must factory
program the EEPROM content before it can be downloaded to
the register map (either automatically or manually). If desired,
the user can store custom device configurations by manually
forcing an upload to the EEPROM via the register map.
EEPROM CONTROLLER GENERAL OPERATION
EEPROM Controller
The EEPROM controller governs all aspects of communication
with the EEPROM. Because the I2C interface uses a 100 kHz
(normal mode) or 400 kHz (fast mode) communication link,
the controller runs synchronous to an on-chip generated clock
source suitable for use as the I2C serial clock. The on-chip oscillator
enables asynchronously, immediately on a request for
activation of the controller. Upon startup, the oscillator notifies
the controller of its availability, and the controller activates.
After the requested controller operation is complete, the
controller disables the clock generator and returns to an idle
state.
EEPROM Download
An EEPROM download transfers contents from the EEPROM
to the AD9546 programming registers and invokes specific
actions per the instructions stored in the EEPROM (see Table 109).
Automatic downloading is the most common method for
initiating an EEPROM download sequence, which initiates at
power-up of the AD9546, provided Pin M3 is Logic 1 at
power-up (see the Multifunction Pins at Reset or Power-Up
section). Alternatively, instead of cycling power to the AD9546 to
initiate an EEPROM download, the user can force the RESETB
pin to Logic 0, force Pin M3 to Logic 1, then return the
RESETB pin to Logic 1, and remove the drive source from
Pin M3.
The user can also request an EEPROM download on demand
(that is, without resetting or cycling power to the AD9546) by
writing a Logic 1 to Bit 0 of Register 0x2E03.
Bit 0 does not require an IO update. Writing a Logic 1 to this
bit immediately triggers a download sequence.
The EEPROM controller sets Bit 1 of Register 0x3000 to Logic 1
while the download sequence is in progress as an indication to
the user that the controller is busy.
EEPROM Upload
To store the AD9546 register contents in the EEPROM, the
user must write a Logic 1 to Bit 0 of Register 0x2E02. Bit 0 does
not require an IO update. Writing a Logic 1 to this bit
immediately triggers an upload sequence.
The AD9546 has the equivalent of a write protect feature in that
the user must write a Logic 1 to Bit 0 of Register 0x2E00 prior to
requesting an upload to the EEPROM. Attempting to upload to
the EEPROM without first setting Bit 0 results in a fault
indication (that is, the AD9546 asserts Bit 1 of Register 0x300B).
A prerequisite to an EEPROM upload is the existence of an upload
sequence stored in the 15-byte EEPROM sequence section of
the register map (Register 0x2E10 to Register 0x2E1E). That is,
the user must store a series of upload instructions (see the
EEPROM Instruction Set section) in the EEPROM sequence
section of the register map prior to executing an EEPROM
upload.
The EEPROM controller performs an upload sequence by reading
the instructions stored in the EEPROM sequence section of the
register map byte by byte, and executing them in order. That is,
the data stored in the EEPROM sequence section of the register
map are instructions to the EEPROM controller on what to
store in the EEPROM (including operational commands and
AD9546 register data).
The EEPROM controller sets Bit 0 of Register 0x3000 to Logic 1
while the upload sequence is in progress as an indication to the
user that the controller is busy.
Because the EEPROM sequence section of the register map is
only 15 bytes, the sequence typically cannot hold enough
instructions to upload a complete set of AD9546 data to the
EEPROM. Therefore, most upload sequences necessitate that the
user upload a series of subsequences. For example, to
accomplish a required upload sequence consisting of 20 bytes
of instructions, perform the following procedure:
1. Write the first 14 instructions to the EEPROM sequence
registers with the 15th instruction being a pause instruction
(see Table 109).
2. Initiate an EEPROM upload by writing Logic 1 to Bit 0 of
Register 0x2E02. When the EEPROM controller reaches
the pause instruction, it suspends the upload process and
waits for another assertion of Bit 0 of Register 0x2E02.
3. While the controller pauses, write the remaining six bytes
of the upload sequence into the EEPROM sequence
registers, followed by an end of data instruction (see
Table 109).
4. Initiate an EEPROM upload by writing Logic 1 to Bit 0 of
Register 0x2E02. When the EEPROM controller reaches the
end of data instruction, the upload process terminates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com