Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 190 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 190 Page - Analog Devices

Back Button AD9546 Datasheet HTML 186Page - Analog Devices AD9546 Datasheet HTML 187Page - Analog Devices AD9546 Datasheet HTML 188Page - Analog Devices AD9546 Datasheet HTML 189Page - Analog Devices AD9546 Datasheet HTML 190Page - Analog Devices AD9546 Datasheet HTML 191Page - Analog Devices AD9546 Datasheet HTML 192Page - Analog Devices AD9546 Datasheet HTML 193Page - Analog Devices AD9546 Datasheet HTML 194Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 190 of 205
Multidevice Configuration Example
Consider two AD9546 devices (Device 1 and Device 2) that
share a single EEPROM and assume both devices have a
common PLL0 configuration but differing PLL1 configurations.
A template for an EEPROM sequence that accomplishes this
configuration is shown in Table 111.
The sequence relies on conditional processing to differentiate
between Device 1 and Device 2. Therefore, the user must
program the condition ID of both devices prior to executing an
EEPROM download. Specifically, the user must program
Bits[3:0] of Register 0x2E01 in Device 1 with a condition ID of
1 and in Device 2 with a condition ID of 2.
Table 111. Template for a Multidevice EEPROM Sequence
Instructions
Comment
0x00 to 0x7F
A sequence of register transfer instructions
associated with the PLL0 configuration
common to both devices
0xB1
Apply Condition 1
0x00 to 0x7F
A sequence of register transfer instructions
associated with the PLL1 configuration
specific to Device 1
0xB0
Clear the condition map
0xB2
Apply Condition 2
0x00 to 0x7F
A sequence of register transfer instructions
associated with the PLL1 configuration
specific to Device 2
0xB0
Clear the condition map
0x80
IO update
0xFF
End of sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com