Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 191 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 191 Page - Analog Devices

Back Button AD9546 Datasheet HTML 187Page - Analog Devices AD9546 Datasheet HTML 188Page - Analog Devices AD9546 Datasheet HTML 189Page - Analog Devices AD9546 Datasheet HTML 190Page - Analog Devices AD9546 Datasheet HTML 191Page - Analog Devices AD9546 Datasheet HTML 192Page - Analog Devices AD9546 Datasheet HTML 193Page - Analog Devices AD9546 Datasheet HTML 194Page - Analog Devices AD9546 Datasheet HTML 195Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 191 of 205
APPLICATIONS INFORMATION
DIGITIZED CLOCKING APPLICATION
The diagram in Figure 127 shows a simplified example of a
digitized clocking system. The system contains three digitized
clocking nodes, with one of the nodes functioning as the master
node and the other two nodes functioning as slave nodes (Slave
Node 0 and Slave Node 1). The master node receives a common
clock reference signal that serves as the common clock for the
entire system.
A reference clock can be applied at an input to one of the slave
nodes. The goal is to distribute the reference clock to each of
the nodes using data transport over a common digital
communication link rather than via analog clock signals. That
is, to transport the reference clock in frequency and phase from
the selected node to the other nodes over a data link rather than
routing the reference clock throughout the system in the form
of an analog signal. Digitized clocking technology enables this
ability to transport clock signals over a digital bus (see the
Digitized Clocking section for details).
The master node generates the common clock as a reference
clock to the slave nodes. The common clock is the time base
shared by all nodes, a fundamental digitized clocking
requirement. The master node also sends synchronization
information to the slave nodes. Synchronization comprises two
components: a physical synchronization event signal
(embedded within the common clock signal in Figure 127) and
a synchronizing code sent over the digital communication bus
(corresponding to the time associated with the synchronization
event signal). This two-pronged synchronization approach
results in all slave nodes sharing a common epoch with the
master node, with all nodes having a common (synchronized)
time scale.
For example, suppose the digitized clocking system has a
distributable reference clock applied to Slave Node 1. Slave
Node 1 digitizes the reference clock by creating time codes
(digital word representations of the reference clock rising
edges) derived from the common time scale. The time codes are
a proxy for the physical reference clock signal. Using digitized
clocking, Slave Node 1 sends the time codes to the master node
over the digital bus. Likewise, the master node distributes the
time codes to Slave Node 0 (and back to the Slave Node 1, if
required) over the same digital bus. Then, using digitized
clocking, the receiving nodes convert the time codes back into a
physical clock signal with the same frequency and phase as the
reference clock and aligned to within ±100 ps.
For digitized clocking applications, the recommendation is to
operate the AD9546 in SPI mode, rather than I2C mode,
because SPI supports a much higher serial transfer rate than I2C
(50 MHz for SPI vs. 400 kHz for I2C).
A key aspect of any synchronized clocking system is the timing
error caused by the propagation delay of clock signals sent
between the master and slave nodes. To properly align the
common time scale across all nodes, the system must measure
and compensate for the propagation delay between nodes. The
recommended method for quantifying the propagation delay is
measuring round trip delay in real time, which allows
continuous assessment and correction of delay that may arise
from temperature variations in the system. The AD9546 readily
accommodates assessment of round trip delay via its analog
loopback feature (see the Analog Clock Loopback section) and
time skew measurement processor (see the application example
in Figure 129 and the Clock Propagation Delay Measurement
section).
An example of a digitized clocking system appears in Figure 128,
which includes round trip delay measurement capability. The
example system comprises a timing card and a pair of line cards
interconnected via a backplane. The timing card and line cards
rely on digitized clocking to transport clock signals as time
codes via the AD9546 SPI port. Although not explicitly shown
in Figure 128, the AD9546 analog loopback feature for round
trip delay measurement requires the use of REFB or REFBB as
the loopback input and the M4 pin as the loopback return.
The timing card employs an IEEE 1588 servo for transporting
timing over ethernet (the traffic labels in the diagram). The
servo controls a PLL with the output of the PLL providing the
common clock for the system. The PLL produces three
identical clock signals with coincident output clock edges that
serve as the common clock input to each of the cards. This
arrangement, in combination with the AD9546 analog
loopback capability, allows the timing card to measure the
propagation delay between the timing card and each line card.
The measured propagation delay can then be compensated via
offsets applied to the digitized clocking paths.
The line cards handle Ethernet traffic via a physical layer (PHY)
with each line card serving multiple PHYs. Figure 128 shows
only one PHY with a connection to a UTS/IUTS pair on the
AD9546 for simplification. However, each PHY has access to a
dedicated UTS/IUTS pair on the AD9546. In this way, any one of
the PHYs can provide a received clock to the AD9546 for
digitization via a UTS. The digitized received clock is
transported over the digital bus to the timing card, where the
timing card uses the digitized receive clock as a SyncE clock for
the IEEE 1588 servo. The timing card, in turn, generates a
digitized clock for transport back to the line cards over the
digital bus. The line cards convert the digitized clock back to an
analog clock for use by the PHYs for clocking outgoing traffic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com