Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 195 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 195 Page - Analog Devices

Back Button AD9546 Datasheet HTML 191Page - Analog Devices AD9546 Datasheet HTML 192Page - Analog Devices AD9546 Datasheet HTML 193Page - Analog Devices AD9546 Datasheet HTML 194Page - Analog Devices AD9546 Datasheet HTML 195Page - Analog Devices AD9546 Datasheet HTML 196Page - Analog Devices AD9546 Datasheet HTML 197Page - Analog Devices AD9546 Datasheet HTML 198Page - Analog Devices AD9546 Datasheet HTML 199Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 195 of 205
IEEE 1588 SERVO
The AD9546 provides the jitter cleaning, phase shifting, and
synchronization necessary for an IEEE 1588 servo and software
stack in a Telecom-BC (T-BC) with hybrid support application
(see Figure 131). Figure 131 represents a superset of possible
connection scenarios for implementing a variety of IEEE 1588
applications rather than a specific IEEE 1588 application. The
diagram in Figure 131 supports IEEE 1588 master and slave
clock operation. The dashed box in Figure 131 constitutes
external circuitry that handles precision time protocol (PTP)
packets, software to implement IEEE 1588, and time of day
support. The integrated features of the AD9546 simplify the
task of synchronizing clocks via PTP. Furthermore, the Mx pins
of the AD9546 provide the option to implement assisted partial
timing support (APTS) via a GPS receiver providing a precision
1 pps source.
Figure 131 implies the use of the AD9546 system clock
compensation feature (see the Compensation Method 3 section
in the System Clock Compensation section). Specifically, the
reference input serves as a frequency stable source to the system
clock compensation block (for example, an OXCO or TCXO).
The frequency stable source allows the AD9546 to use a crystal
resonator as the system clock source (XOA and XOB pins) and
compensate for the inherent crystal frequency instability,
thereby maintaining the overall timing precision of the system.
PLL0 uses the 125 MHz SyncE clock as a reference input to
generate two filtered, 125 MHz SyncE clocks. PLL1 uses one of
the auxiliary NCOs of the AD9546 as a reference input to
generate two arbitrary output clocks with stability
commensurate with the REF IN source. The system clock
compensation system ensures frequency stability of the NCOs
associated with the DPLLs and auxiliary NCOs.
The performance and feature set of the AD9546 make it ideal
for enabling the latest IEEE 1588 features, as well as the latest
ITU-T packet synchronization related standards for 4G and 5G
wireless networks.
MEMORY
CPU
MAC
PACKET
CLASSIFIER
AND
TIMESTAMP
TIME
OF
DAY
CLOCK INTERFACES
MANAGEMENT
INTERFACE
SPI/I2C PORT
1PPS
125MHz FILTERED/ADJUSTED
CLOCK OUT
AUXILIARY CLOCK
OUTPUTS
(1PPS TO 500MHz)
RGMII/SGMII
(WITH SyncE SUPPORT)
REFERENCE
INPUT
125MHz (SyncE/CDR)
TIME OF DAY IN/OUT
(1PPS + UART WITH NEMA FORMAT)
XOA
DIGITAL CROSS
POINT MUX
DPLL0
MODULATION, PHASE
OFFSET, AND JESD204B
SYSTEM
CLOCK PLL
STATUS AND
CONTROL
PINS
SERIAL PORT
(SPI OR I2C)
AND EEPROM
CONTROLLER
AD9546
SYSTEM
CLOCK
TEMPERATURE
SENSOR
SYSTEM CLOCK
COMPENSATION
REFERENCE
MONITORS (8)
REFERENCE
SWITCHING CONTROL
INTERNAL
ZERO DELAY
2.424GHz TO 3.232GHz
TDC
TDC
DEMOD
3.232GHz TO 4.040GHz
DEMOD
USER TIME
STAMPS (9)
INVERSE
USER TIME
STAMPS (2)
AUXILIARY
NCO (2)
AUXILIARY REFERENCE (4)
COMMON CLOCK
SYNCHRONIZER
TDC
DEMOD
REFA/REFAA
REFA
REFAA
REFB
REFBB
XOB
OUT0Ax
OUT0Bx
OUT0Cx
OUT1Ax
OUT1Bx
CLOCK OUT
SERIAL PORT
Mx PINS
GPS
OPTIONAL
ASSISTED
PARTIAL
TIMING
SUPPORT
(APTS)
APLL0
REFB/REFBB
÷RA
÷RAA
DPLL1
APLL1
÷Q0A
÷Q0AA
÷Q0B
÷Q0BB
÷Q0C
÷Q0CC
÷Q1A
÷Q1AA
÷Q1B
÷Q1BB
125MHz FILTERED/ADJUSTED
÷R
Figure 131. Using an AD9546 in an IEEE 1588 Version 2 Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com