Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 199 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 199 Page - Analog Devices

Back Button AD9546 Datasheet HTML 195Page - Analog Devices AD9546 Datasheet HTML 196Page - Analog Devices AD9546 Datasheet HTML 197Page - Analog Devices AD9546 Datasheet HTML 198Page - Analog Devices AD9546 Datasheet HTML 199Page - Analog Devices AD9546 Datasheet HTML 200Page - Analog Devices AD9546 Datasheet HTML 201Page - Analog Devices AD9546 Datasheet HTML 202Page - Analog Devices AD9546 Datasheet HTML 203Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 199 of 205
SERIAL CONTROL PORT
SERIAL CONTROL PORT OVERVIEW
The AD9546 serial control port is a flexible, synchronous serial
communications port that provides a convenient interface to
many industry-standard microcontrollers and microprocessors.
The AD9546 serial control port is compatible with most
synchronous transfer formats, including I²C, Motorola SPI, and
Intel SSR protocols. The serial control port allows read/write
access to the AD9546 register map.
The AD9546 uses the Analog Devices unified SPI protocol (see
the Analog Devices Serial Control Interface Standard). The
unified SPI protocol guarantees that all new Analog Devices
products using the unified protocol have consistent serial port
characteristics. The SPI port configuration is programmable via
Register 0x0000.
Unified SPI differs from the SPI port found on older Analog
Devices products, such as the AD9557 and AD9558, in the
following ways:
•
Unified SPI does not have byte counts. A transfer is
terminated when the CSB signal goes high. The W1 and
W0 bits in the traditional SPI become the A12 and A13
bits of the register address (see Table 113). This format is
much like streaming mode in the traditional SPI.
•
The address ascension bit (Register 0x0000) controls
whether register addresses are automatically incremented
or decremented regardless of the LSB/MSB first setting. In
a traditional SPI, LSB first mode dictated auto-incrementing
and MSB first mode dictated auto-decrementing of the
register address.
•
The first 16 register addresses of devices that adhere to the
unified serial port have a consistent structure.
SPI/I²C PORT SELECTION
Although the AD9546 supports both the SPI and I2C serial port
protocols, only one is active following power-up (as determined
by the M4 pin during the start-up sequence). The only way to
change the serial port protocol is to reset (or power cycle) the
device. See Table 103 for the I2C address assignments.
SPI SERIAL PORT OPERATION
Pin Descriptions
The serial clock (SCLK) signal serves as the serial shift clock.
This pin is an input. SCLK synchronizes serial control port read
and write operations. The rising edge SCLK registers write data
bits, and the falling edge registers read data bits. The SCLK line
supports a maximum clock rate of 50 MHz.
The user can configure the SPI port hardware configuration
and data format via the Register 0x0000. The hardware
configurations are 3-wire bidirectional (default) or 4-wire
unidirectional mode and the data formats are MSB first
(default) or LSB first. The 3-wire mode uses the serial data
input/output (SDIO) signal for transferring data in both
directions. The 4-wire mode uses SDIO for transferring data to
the AD9546, and SDO for transferring data from the AD9546.
The output drive strength of the SDO and SDIO pins is
selectable via Bit 7 of Register 0x0109.
The chip select (CSB) signal is an active low control that gates
read and write operations. Assertion (active low) of CSB
initiates a write or read operation to the AD9546 SPI port. The
user can transfer any number of data bytes in a continuous stream.
The register address is automatically incremented or decremented
based on the setting of the address ascension bit (Register 0x0000).
The user must deassert CSB following the last byte transferred,
thereby ending the stream mode. CSB is internally connected to
a 10 kΩ pull-up resistor. When CSB is high, SDIO and SDO
enter a high impedance state.
Implementation Specific Details
The Analog Devices Serial Control Interface Standard provides
a detailed description of the unified SPI protocol and covers
items such as timing, command format, and addressing. The
unified SPI protocol defines the following device specific items:
•
Analog Devices unified SPI protocol revision: 1.0
•
Chip type: 0x5
•
Product ID: 0x0121
•
Physical layer: 3-wire and 4-wire supported and 1.5 V,
1.8 V, and 2.5 V operation supported
•
Optional single-byte instruction mode: not supported
•
Data link: not used
•
Control: not used
Communication Cycle—Instruction Plus Data
The unified SPI protocol consists of a two-part communication
cycle. The first part is a 16-bit instruction word coincident with
the first 16 SCLK rising edges. The second part is the payload,
the bits of which are coincident with SCLK rising edges. The
instruction word provides the AD9546 serial control port with
information regarding the payload. The instruction word
includes the R/W bit that indicates the direction of the payload
transfer (that is, a read or write operation). The instruction
word also indicates the starting register address of the first
payload byte.
IO Update
In general, there are two sets of serial port registers: buffer
registers and active registers. When the SPI port receives data, it
deserializes the data, which collects in the buffer registers. In
most cases, the output of the buffer registers route to the input
of the active registers rather than directly to the intended circuit
blocks within the device. As such, when the user writes SPI
data, the intended functional blocks within the device are
unaffected by the newly written data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com