| Electronic Components Datasheet Search |
|
AD9546 Datasheet(PDF) 203 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9546 Datasheet(HTML) 203 Page - Analog Devices |
|
203 / 205 page ![]() Data Sheet AD9546 Rev. 0 | Page 203 of 205 In read mode, the master device (receiver) receives the last data byte from the slave device (transmitter) but does not pull SDA low during the ninth clock pulse (a nonacknowledge bit). By receiving the nonacknowledge bit, the slave device knows that the data transfer is finished and enters idle mode. The master device then takes the data line low during the low period before the 10th clock pulse, and high during the 10th clock pulse to assert a stop condition. A start condition can be used instead of a stop condition. Furthermore, a start or stop condition can occur at any time, and partially transferred bytes are discarded. Data Transfer Format The write byte format is used to write a register address to the RAM starting from the specified RAM address (see Table 116). The send byte format is used to set up the register address for subsequent reads (see Table 117). The receive byte format is used to read the data byte(s) from RAM starting from the current address (see Table 118). The read byte format is the combined format of the send byte and the receive byte (see Table 119). SDA START CONDITION STOP CONDITION SCL S P Figure 142. Start and Stop Conditions 12 89 12 3 TO 7 3 TO 7 89 10 SDA SCL S MSB ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER P Figure 143. Acknowledge Bit 12 89 12 3 TO 7 3 TO 7 89 10 ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER SDA SCL S MSB P Figure 144. Data Transfer Process (Master Write Mode, 2-Byte Transfer) 12 89 12 3 TO 7 3 TO 7 89 10 ACK FROM MASTER RECEIVER NONACK FROM MASTER RECEIVER SDA SCL S P Figure 145. Data Transfer Process (Master Read Mode, 2-Byte Transfer), First Acknowledge from Slave |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |