Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 200 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 200 Page - Analog Devices

Back Button AD9546 Datasheet HTML 196Page - Analog Devices AD9546 Datasheet HTML 197Page - Analog Devices AD9546 Datasheet HTML 198Page - Analog Devices AD9546 Datasheet HTML 199Page - Analog Devices AD9546 Datasheet HTML 200Page - Analog Devices AD9546 Datasheet HTML 201Page - Analog Devices AD9546 Datasheet HTML 202Page - Analog Devices AD9546 Datasheet HTML 203Page - Analog Devices AD9546 Datasheet HTML 204Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 200 of 205
To make the buffer register data effective, the user must
perform an IO update operation, which transfers the contents
of all buffer registers to the active registers. The output of the
active registers causes the desired effect upon the functional
blocks within the device.
There are two methods available for issuing an IO update
operation:
1. Writing Logic 1 to Bit 0 of Register 0x000F
2. Configuring an Mx pin as a physical IO update pin
In the case of the first method, Bit 0 is an autoclearing bit. In
the case of the second method, applying Logic 1 to the
configured Mx pin asserts the IO update operation.
The user can program as many register bits as desired before
executing the IO update operation. Then, upon assertion of the
IO update operation, the all the buffer register contents transfer
to their active register counterparts.
Write
When the instruction word indicates a write operation, the
payload is written into the serial control port buffer of the
AD9546. Data bits are registered on the rising edge of SCLK.
Generally, it does not matter what data is written to blank
registers. However, it is customary to use 0s. The user must
verify that all reserved registers within a specific range have a
default value of 0x00. However, Analog Devices makes every
effort to avoid having reserved registers with nonzero default
values.
Read
If the instruction word indicates a read operation, the next
N × 8 SCLK cycles clock out the data starting from the address
specified in the instruction word, where N is the number of
data bytes to read. Read data appears on the appropriate data
pin (SDIO or SDO) on the falling edge of SCLK. The user must
latch the read data on the rising edge of SCLK. The internal SPI
control logic does not skip over blank registers during a
readback operation.
A readback operation takes data from either the serial control
port buffer registers or the active registers, as determined by
Register 0x0001, Bit 5.
SPI Instruction Word (16 Bits)
The MSB of the 16-bit instruction word is R/W, which
indicates whether the ensuing operation is read or write. The
next 15 bits are the register address (A14 to A0), which indicates
the starting register address of the read/write operation (see
Table 113). The SPI controller ignores A14, treating it as Logic 0,
because the AD9546 has no register addresses requiring more
than a 14-bit address word.
SPI MSB First and LSB First Transfers
The AD9546 instruction word and payload can be transferred
MSB first or LSB first. The default for the AD9546 is MSB first.
To invoke LSB first mode, write a Logic 1 to Register 0x0000,
Bit 6. Immediately after invoking LSB first mode, subsequent
serial control port operations are LSB first.
Address Ascension
If the address ascension bit (Register 0x0000, Bit 5) is Logic 0,
serial control port register addressing decrements from the
specified starting address toward Address 0x0000. If the address
ascension bit (Register 0x0000, Bit 5) is Logic 1, serial control
port register addressing increments from the starting address
toward Address 0x3A3B. Reserved addresses are not skipped
during multibyte input/output operations. Therefore, write the
default value to a reserved register and Logic 0s to unmapped
registers. It is more efficient to issue a new write command
than to write the default value to more than two consecutive
reserved (or unmapped) registers.
Table 112. Streaming Mode (No Addresses Skipped)
Address Ascension
Stop Sequence
Increment
0x0000 to 0x3A3B
Decrement
0x3A3B to 0x0000
Table 113. Serial Control Port, 16-Bit Instruction Word
MSB
LSB
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
R/W
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CSB
SCLK DON'T CARE
SDIO
A12
A13
A14
R/W
A11 A10 A9
A8
A7
A6 A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2 D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
DON'T CARE
DON'T CARE
DON'T CARE
16-BIT INSTRUCTION HEADER
REGISTER (N) DATA
REGISTER (N – 1) DATA
Figure 135. Serial Control Port Write—MSB First, Address Decrement, Two Bytes of Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com