Electronic Components Datasheet Search
  English  ▼

X  

AD9546 Datasheet(PDF) 202 Page - Analog Devices

Part # AD9546
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546 Datasheet(HTML) 202 Page - Analog Devices

Back Button AD9546 Datasheet HTML 197Page - Analog Devices AD9546 Datasheet HTML 198Page - Analog Devices AD9546 Datasheet HTML 199Page - Analog Devices AD9546 Datasheet HTML 200Page - Analog Devices AD9546 Datasheet HTML 201Page - Analog Devices AD9546 Datasheet HTML 202Page - Analog Devices AD9546 Datasheet HTML 203Page - Analog Devices AD9546 Datasheet HTML 204Page - Analog Devices AD9546 Datasheet HTML 205Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 202 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 202 of 205
I²C SERIAL PORT OPERATION
The I2C interface is popular because it requires only two pins
and easily supports multiple devices on the same bus. Its main
disadvantage is its maximum programming speed of 400 kbps.
The AD9546 I2C port supports the 400 kHz fast mode as well as
the 100 kHz standard mode.
To support 1.5 V, 1.8 V, and 2.5 V I2C operation, the AD9546
does not strictly adhere to every requirement in the original I2C
specification. For instance, it does not support specifications such
as slew rate limiting and glitch filtering. Therefore, the AD9546
is I2C compatible, but not necessarily fully I2C compliant.
The AD9546 I2C port consists of a serial data line (SDA) and
a serial clock line (SCL). In an I2C bus system, the AD9546
connects to the serial bus (data bus SDA and clock bus SCL)
as a slave device. That is, the AD9546 does not generate an I2C
clock. The AD9546 uses direct 16-bit memory addressing
rather than 8-bit memory addressing, which is more common.
The AD9546 allows up to four unique slave devices to occupy
the I2C bus via a 7-bit slave address transmitted as part of an
I2C packet. Only the device with a matching slave address
responds to subsequent I2C commands. Table 103 lists the
supported device slave addresses.
I2C Bus Characteristics
Table 115 shows a summary of the various I2C abbreviations.
Table 115. I2C Bus Abbreviation Definitions
Abbreviation
Definition
S
Start
Sr
Repeated start
P
Stop
A
Acknowledge
AE
Nonacknowledge
WE
Write
R
Read
Figure 141 shows an example of valid data transfer. One clock
pulse is required for each data bit transferred. The data on the
SDA line must be stable during the high period of the clock.
The high or low state of the data line can change only when the
clock signal on the SCL line is low.
DATA LINE
STABLE;
DATA VALID
CHANGE
OF DATA
ALLOWED
SDA
SCL
Figure 141. Valid Bit Transfer
Figure 142 shows start and stop functionality. The start
condition is a high to low transition on the SDA line while SCL
is high. The master always generates the start condition to
initialize a data transfer. The stop condition is a low to high
transition on the SDA line while SCL is high.
The master always generates the stop condition to terminate
a data transfer. The SDA line must always transfer eight bits
(one byte). Each byte must be followed by an acknowledge bit.
Bytes are sent MSB first.
The acknowledge bit (A) is the ninth bit attached to any 8-bit
data byte. An acknowledge bit is always generated by the
receiver to inform the transmitter that the byte has been
received. Acknowledgement consists of pulling the SDA line
low during the ninth clock pulse after each 8-bit data byte.
The nonacknowledge bit (AE) is the ninth bit attached to any
8-bit data byte. A nonacknowledge bit is always generated by
the receiver to inform the transmitter that the byte has not been
received. Nonacknowledgement consists of leaving the SDA
line high during the ninth clock pulse after each 8-bit data byte.
After issuing a nonacknowledge bit, the AD9546 I2C state
machine goes into an idle state.
Data Transfer Process
The master initiates a data transfer by asserting a start
condition, which indicates that a data stream follows. All I2C
slave devices connected to the serial bus respond to the start
condition.
The master then sends an 8-bit address byte over the SDA line,
consisting of a 7-bit slave address (MSB first) plus an R/WE bit.
This bit determines the direction of the data transfer, that is,
whether data is written to or read from the slave device (Logic 0
indicates write, and Logic 1 indicates read).
The peripheral whose address corresponds to the transmitted
address responds by sending an acknowledge bit. All other
devices on the bus remain idle while the selected device waits
for data to be read from or written to it. If the R/WE bit is Logic 0,
the master (transmitter) writes to the slave device (receiver).
If the R/WE bit is Logic 1, the master (receiver) reads from the
slave device (transmitter). The read and write formats for these
commands appear in the Data Transfer Format section.
Data is then sent over the serial bus in the format of nine clock
pulses, one data byte (eight bits) from either master (write mode)
or slave (read mode), followed by an acknowledge bit from the
receiving device. The protocol allows a data transfer to consist
of any number of bytes (that is, the payload size is unrestricted).
In write mode, the first two data bytes immediately after the
slave address byte are the internal memory (control registers)
address bytes (the higher address byte first). This addressing
scheme gives a memory address of up to 216 − 1 = 65,535. The
data bytes after these two memory address bytes are register
data written to or read from the control registers. In read mode,
the data bytes following the slave address byte consist of
register data written to or read from the control registers.
When all the data bytes are read or written, stop conditions are
established. In write mode, the master device (transmitter)
asserts a stop condition to end the data transfer during the
clock pulse following the acknowledge bit for the last data byte
from the slave device (receiver).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com