Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) DP8496 Datasheet HTML 16Page - National Semiconductor (TI) DP8496 Datasheet HTML 17Page - National Semiconductor (TI) DP8496 Datasheet HTML 18Page - National Semiconductor (TI) DP8496 Datasheet HTML 19Page - National Semiconductor (TI) DP8496 Datasheet HTML 20Page - National Semiconductor (TI) DP8496 Datasheet HTML 21Page - National Semiconductor (TI) DP8496 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 92 page
background image
40 Functional Description (Continued)
TABLE 410 Operation of Parity Generation and Checking
Control Bits (SUP2)
Direction of Transfer
Action on Port
Report
Error
SPEN
DBPEN
SPP
DBPP
Disk
Buffer
SCSI
0
1
x
x
SCSI to Buffer
Generate
1
x
0
0
SCSI to Buffer
Check
Check
1
1
x
1
1
SCSI to Buffer
Check
Check
1
1
x
0
1
SCSI to Buffer
Inv aCheck
Check
1
1
x
1
0
SCSI to Buffer
Inv aCheck
Check
1
x
0
x
x
Buffer to SCSI
Generate
0
1
0
0
Buffer to SCSI
Check
2
0
1
1
1
Buffer to SCSI
Check
2
0
1
0
1
Buffer to SCSI
Inv aCheck
2
0
1
1
0
Buffer to SCSI
Inv aCheck
2
1
1
0
0
Buffer to SCSI
Check
2
1
1
1
1
Buffer to SCSI
Check
2
1
1
0
1
Buffer to SCSI
Invert
Check
2
1
1
1
0
Buffer to SCSI
Invert
Check
2
x
0
x
x
Not between SCSI
Buffer
x
1
x
x
Disk to Buffer
Generate
x
1
x
0
Buffer to Disk
Check
Invert
3
x
1
x
1
Buffer to Disk
Check
3
x
1
x
x
Processor to Buffer
Generate
x
1
x
x
Buffer to Processor
Check
4
Error Reporting
1 SCSI Bus Error in CIC field of SINT register (49h) and SCSI Parity Error in SSTAT register (48h)
2 Buffer Parity Error in CIC field of SINT register and Buffer Memory Error in SSTAT register
3 Error in DINT register (12h) and Disk Parity error in EC field of DSTAT register (14h)
4 PEP bit in the SOP register (43h)
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com