Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) DP8496 Datasheet HTML 13Page - National Semiconductor (TI) DP8496 Datasheet HTML 14Page - National Semiconductor (TI) DP8496 Datasheet HTML 15Page - National Semiconductor (TI) DP8496 Datasheet HTML 16Page - National Semiconductor (TI) DP8496 Datasheet HTML 17Page - National Semiconductor (TI) DP8496 Datasheet HTML 18Page - National Semiconductor (TI) DP8496 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
40 Functional Description (Continued)
424 Pointers
Three 22-bit pointers represent the three possible address-
es into the buffer memory These addresses are used by the
Disk Data Controller SCSI Bus Controller and the Proces-
sor Interface The Disk and SCSI pointers are double buff-
ered in what are called the Active and Holding register sets
Both of these Active pointers automatically increment on
every transfer to buffer memory The Processor pointer is
only single buffered It will increment automatically if en-
abled in the Setup 2 register
425 Buffer Management
The processor will normally initialize the Holding registers
with values before an operation is started When the opera-
tion begins the DP84967 will copy the contents of the
Holding registers into the Active registers (which are actual-
ly counters) This double buffering allows the processor to
load new values into the Holding registers while the previ-
ous operation is still continuing This feature allows for ver-
satile management of contiguous or non-contiguous buffers
TLF11212 – 5
FIGURE 41 Holding and Active Registers
The processor is allowed readwrite access to the Holding
registers It is only allowed to read the Active registers
Normally the processor will only access the Holding regis-
ters The Active registers are really the block counters and
address pointers actually used to transfer the data Thus
only in unusual situations will the Active registers need to be
read The AH (ActiveHolding) bit in the SCSI Operation
register determines which register set the processor will ac-
cess
The Processor Pointer does not have a Holding register
The Processor Pointer Active register will be accessed inde-
pendent of the AH bit
The Disk SCSI and Processor Pointer registers contents
have no relationship to one another thus one pointer is not
automatically kept a certain distance from the other
Instead the monitoring by the processor of block and sector
transfers is facilitated through the use of interrupts
Polling
could also be used by reading the SCSI Interrupt (49h) and
Disk Interrupt (12h) registers
Interrupts are programmable at three different levels (see
Figure 42 )
1 At the end of each block transferred
2 After a certain number of blocks have been transferred
This is called a ‘‘group’’
3 After all programmed blocks have been transferred or
‘‘command completion’’
(See the descriptions of DINTE (13h) and SINTE (4Ah) reg-
isters in Sections 43 and 44 respectively)
This provides a point of synchronization for the processor to
safely monitor the progress of both disk and SCSI transfers
and thus prevent overflow or underflow of the buffer memo-
ry Overflow and underflow are analogous to pointers over-
taking one another The processor is responsible for pre-
venting this
TLF11212 – 6
FIGURE 42 Flexible Interrupt Levels
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com