Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 52Page - National Semiconductor (TI) DP8496 Datasheet HTML 53Page - National Semiconductor (TI) DP8496 Datasheet HTML 54Page - National Semiconductor (TI) DP8496 Datasheet HTML 55Page - National Semiconductor (TI) DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) DP8496 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 92 page
background image
40 Functional Description (Continued)
I Identify Message
Since this register is used only for the Identify Message this
bit must always be set to ‘‘1’’ If it is not set to ‘‘1’’ no new
command can be executed
This bit will always be a ‘‘1’’ when read following a success-
ful ‘‘Wait for Select’’ operation which included a Message
Out phase Otherwise an ‘‘Uncompleted Command’’ inter-
rupt would be generated
DISC Disconnect Privilege
When this register is used for the Message In phase during
a Reselect combination command this bit has no meaning
Following a ‘‘Wait for Select’’ command which included a
Message Out phase this bit indicates the ability of the Initia-
tor to support disconnection and reconnection A ‘‘1’’ indi-
cates this support A ‘‘0’’ indicates no support
TAR Logical Unit Target
When this register is used for the Message In phase during
a Reselect combination command this bit has no meaning
Following a ‘‘Wait for Select’’ command which included a
Message Out phase this bit specifies where the Identify
Message is directed to A ‘‘0’’ indicates a logical unit (see
the LUN field) A ‘‘1’’ indicates a target routine See the
SCSI-2 specification
Reserved
Since these bits are reserved it is recommended that these
bits be set to ‘‘0’’ before a Reselect combination command
is issued
These bits will always be a ‘‘0’’ when read following a suc-
cessful ‘‘Wait for Select’’ operation which included a Mes-
sage Out phase Otherwise an ‘‘Uncompleted Command’’
interrupt would be generated
LUN Logical Unit Number
Before a Reselect combination operation this field should
be set with the Logical Unit Number from which the data is
being read from or being written to
Following a ‘‘Wait for Select’’ command which included a
Message Out phase this field indicates the Logical Unit
Number associated with the command to follow They
should match the LUN bits contained in the Command De-
scriptor Block
Destination ID (DID)
46h
RW
76543210
Phase Code
MCH
Destination ID
Phase Code
These four bits set up the SCSI bus phase for which the
DP84967 will match or not match to generate the Phase
Compare interrupt Comparison is qualified with the active
edge of the REQ signal in both match and mismatch cases
The Phase Code bit patterns are exactly the same as the
Status Code patterns defined in Table 425 in the SCSI
Status register
MCH Match
1
Looks for a match with the indicated Phase Code If
found a ‘‘Phase Compare’’ interrupt will be generated
0
Looks for a mismatch of the current SCSI bus phase
with the indicated Phase Code This code should be
loaded after the Target’s phase is stable (REQ is as-
serted) if the DP84967 is in Initiator mode If the phase
changes a ‘‘Phase Compare’’ interrupt will be generat-
ed
Destination ID
This ID is OR’ed with SCSI ID from the Setup 2 register This
OR’ed value is asserted on the SCSI bus during Selection or
Reselection phases Parity is also generated
Source ID (SID)
47h
R Only
76543210
VID
x
x
x
x
Source ID
While in Target mode during the Selection Phase or while in
Initiator mode during the Reselection Phase the Initiator’s
ID and the Target ID are both present on the SCSI bus Our
Target ID (SCSI ID in Setup 2 register) is masked off and
the resulting Initiator ID can be read from Source ID field
The VID (Valid ID) bit will be ‘‘1’’
If there is no Initiator ID on the SCSI bus during Selection
the VID bit will be ‘‘0’’ If the DP84967 is not properly Se-
lected (ex three or more bits set) the DP84967 will not
respond and the VID bit will be ‘‘0’’
SCSI Status (SSTAT)
48h
R Only
76543210
DBR
BMR
Error Code
Status Code
DBR Data Buffer Ready
In Manual mode with the HE (Handshake Enable) bit set to
‘‘1’’ DBR is used to indicate when to send or receive the
next byte
1
The SCSI Data register is full If receiving the SCSI
Data register should be read If transmitting the proces-
sor should wait until DBR e 0
0
The SCSI Data register is empty If receiving the proc-
essor should wait for another byte to arrive If transmit-
ting the SCSI Data register should be written
The DBR bit is reset whenever an error is cleared in the
SCSI Interrupt register An error is defined as a Completion
Interrupt Code value between 2h and 7h in the SCSI Inter-
rupt register
BME Buffer Memory Parity Error
A parity error was detected while writing data to the SCSI
port from buffer memory This indicates a parity error in buff-
er memory This will terminate any SCSI command at the
end of the current transfer phase
The ‘‘Buffer Memory Parity Error’’ completion interrupt will
be generated
This bit is cleared to zero when a new command is down-
loaded and executed
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com