Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 4Page - National Semiconductor (TI) DP8496 Datasheet HTML 5Page - National Semiconductor (TI) DP8496 Datasheet HTML 6Page - National Semiconductor (TI) DP8496 Datasheet HTML 7Page - National Semiconductor (TI) DP8496 Datasheet HTML 8Page - National Semiconductor (TI) DP8496 Datasheet HTML 9Page - National Semiconductor (TI) DP8496 Datasheet HTML 10Page - National Semiconductor (TI) DP8496 Datasheet HTML 11Page - National Semiconductor (TI) DP8496 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
20 Pin Description (Continued)
Pin
Symbol
Function
1
ADB2 – 7
Buffer Memory
2
ADB2 – P
AddressData Bus 2
3VCC2
a
5VDC
4
AB3 – 0
Buffer Memory
5
AB3 – 1
Address Bus 3
6
AB3–2
7
AB3–3
8
AB3–4
9
AB3–5
10
AB3 – 6
11
AB3 – 7
12
AB4 – 0
Buffer Memory
13
AB4 – 1
Address Bus 4
14
AB4 – 2
15
GND1
GND
16
GND5
GND
17
ADSoRAS
Buffer Memory
18
RDoCAS
Strobes
19
WRo
20
RGATE
Disk Read Gate
21
RCLK
Disk Read Clock
22
RDATA
Disk Read Data
23
WGATE
Disk Write Gate
24
WCLK
Disk Write Clock
25
WDATA
Disk Write Data
26
INDEX
Disk Index Input
27
AMFSEC
Disk Address Mark Found or
Sector Input
28
AME
Address Mark Enable
29
ADSi
Processor Port
30
RDiDS
Strobes
31
WRiRW
32
CS
33
RDYMODE
ReadyMode
34
DINT
Disk Interrupt
35
SINT
SCSI Interrupt
36
BCLK
Bus Clock
37
CRST
Chip Reset
38
VCC1
a
5VDC
39
VCC3
a
5VDC
40
PADB-0
Processor Address
41
PADB-1
Data Bus
42
PADB-2
43
PADB-3
44
PADB-4
45
PADB-5
46
PADB-6
47
PADB-7
48
DSDB0
Transceiver Direction
49
DSDB1
Control for DP8497
50
DSDB2
(NC on DP8496)
51
DSDB3
Pin
Symbol
Function
52
DSDB4
Direction Control (Continued)
53
DSDB5
54
DSDB6
55
DSDB7
56
DSDBP(DP8497)
GND9 (DP8496)
GND on DP8496 Only
57
SDB-0
SCSI Data Bus
58
SDB-1
59
SDB-2
60
GND2
GND
61
SDB-3
SCSI Data Bus
62
SDB-4
63
SDB-5
64
GND7
GND
65
SDB-6
SCSI Data Bus
66
SDB-7
67
SDB-P
SCSI Parity
68
GND3
GND
69
ATN
SCSI Attention
70
BSY
SCSI Busy
71
ACK
SCSI Acknowledge
72
RST
SCSI Reset
73
MSG
SCSI Message
74
GND6
GND
75
SEL
SCSI Select
76
CD
SCSI CmdData
77
REQ
SCSI Request
78
IO
SCSI InputOutput
79
GND8 (DP8496)
Additional GND on DP8496
DTARG (’97)
Transceiver Direction
80
DINIT
Control on DP8497 only
81
DBSY
(NC on DP8496)
82
DSEL
83
DRST
84
DB1 – 0
Buffer Memory Data
85
DB1 – 1
Bus 1
86
DB1 – 2
87
DB1 – 3
88
DB1 – 4
89
DB1 – 5
90
DB1 – 6
91
DB1 – 7
92
DB1 – P
93
ADB2 – 0
Buffer Memory
94
ADB2 – 1
AddressData Bus 2
95
ADB2 – 2
96
ADB2 – 3
97
ADB2 – 4
98
GND4
GND
99
ADB2 – 5
Buffer Memory
100
ADB2 – 6
AddressData Bus 2
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com