Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 25Page - National Semiconductor (TI) DP8496 Datasheet HTML 26Page - National Semiconductor (TI) DP8496 Datasheet HTML 27Page - National Semiconductor (TI) DP8496 Datasheet HTML 28Page - National Semiconductor (TI) DP8496 Datasheet HTML 29Page - National Semiconductor (TI) DP8496 Datasheet HTML 30Page - National Semiconductor (TI) DP8496 Datasheet HTML 31Page - National Semiconductor (TI) DP8496 Datasheet HTML 32Page - National Semiconductor (TI) DP8496 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
40 Functional Description (Continued)
TABLE 413 ECC Byte Ordering
CRCECC
Syndrom Bytes
(Most Significant to Least Significant)
When Read
Selected
(Individual Bits Are in Reverse Order)
Most Significant Byte
Least Significant Byte
Correction Cycle
No
16-Bit
ESR6
ESR0
32-Bit
ESR6
ESR5
ESR1
ESR0
48-Bit
ESR6
ESR5
ESR4
ESR2
ESR1
ESR0
56-Bit
ESR6
ESR5
ESR4
ESR3
ESR2
ESR1
ESR0
Correction Mask
(Read in Order)
(Individual Bits Are in Correct Order)
1st
2nd
3rd
4th
5th
Correction Cycle
After Successful
32-Bit
ESR1
ESR5
ESR6
48-Bit
ESR1
ESR2
ESR4
ESR5
56-Bit
ESR1
ESR2
ESR3
ESR4
ESR5
Note
ESRx e ECC Shift Register x
ECC Shift Register (ESRx)
00–06h
R Only
76543210
Pattern
The shift register will yield different types of information de-
pending on when it is read If read after a successful disk
data read or write operation they contain zeros
Reading the shift register after an CRCECC error produces
the syndrome bytes for that particular error This syndrome
may be stored and compared with syndromes from multiple
reads to verify a hard error condition
An error correction command may be issued to attempt to
correct the data read from the disk When the ECC Shift
Register is read after a successful correction cycle it con-
tains a correction mask which can be used to correct the
error contained in Buffer Memory See Section 43 for a
discussion of the procedure for error correction
ECC Byte CountLow (ECCL)
18h
R Only
76543210
Byte Count (Low)
ECC Byte CountHigh (ECCH)
19h
R Only
76543210
Byte Count (High)
These two registers contain an offset byte count after a
correction cycle which when added to the address of the
start of the offending sector identifies the location of the
error These registers only contain valid information after
the end of a correction cycle
433 Format Registers
The disk format is defined by using the format pattern and
control registers Generally these registers are set up in
pairs a pattern register and a control register In each pair
the pattern register is loaded with an appropriate 8-bit pat-
tern that will be written to the disk during a Format or Write
operation or will be used during a Read or Compare opera-
tion for byte alignment or a comparison in locating a sector
The control register will generally determine how many
times the pattern is repeated or the count Refer to Table
414 and Table 415 to relate each pattern and control regis-
ter to the actual disk format
These registers should be loaded during the initialization
process for the particular format chosen Reset does not
effect these registers
Be sure to observe the restrictions on count fields being set
to zero as specified in the individual register descriptions
There are some count fields which may not be zero All
fields listed in Table 414 and 415 are programmable
RGATE and WGATE are asserted during certain fields This
is shown in
Figure 49 and Figure 410 at the end of the
section on Disk Operations (434)
Post SectorIndex Count (PSIG) 20h
RW
76543210
Count
Sets the number of bytes in the Post SectorIndex field The
pattern used is from the Gap 3 Pattern register WGATE will
be asserted during this field according to the WPSIG (Write
Post SectorIndex Gap) bit in the Disk Control register This
field can be used to skip sectored or wedge servo fields
RGATE is never asserted during this field for hard and pseu-
do-hard sectored drives The Post SectorIndex field is not
used if the DCOZ (Drive Command On Zero) bit is set in the
Timer Prescale register)
For soft-sectored drives PSIG is only used before the first
sector For other sectors PSIG is assumed to have a length
of one Range is 1 – FF
Header Preamble Count (HPC)
21h
RW
76543210
Header Gap
Header Preamble
Header Gap
Sets the number of bytes in the Header Gap field The pat-
tern used is from the Preamble Pattern register Used to
separate the time between RGATE and WGATE assertions
WGATE is always asserted during this field for a write oper-
ation RGATE is never asserted during this field for hard and
pseudo-hard sectored drives Range is 1 – 7
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com