Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 55Page - National Semiconductor (TI) DP8496 Datasheet HTML 56Page - National Semiconductor (TI) DP8496 Datasheet HTML 57Page - National Semiconductor (TI) DP8496 Datasheet HTML 58Page - National Semiconductor (TI) DP8496 Datasheet HTML 59Page - National Semiconductor (TI) DP8496 Datasheet HTML 60Page - National Semiconductor (TI) DP8496 Datasheet HTML 61Page - National Semiconductor (TI) DP8496 Datasheet HTML 62Page - National Semiconductor (TI) DP8496 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 92 page
background image
40 Functional Description (Continued)
This interrupt will be presented after the command has com-
pleted
While in Manual mode this error can only indicate a SCSI
parity error
Buffer Memory Parity Error
(011)
A parity error was detected while writing data to the SCSI
port from buffer memory This indicates a parity error in buff-
er memory This will terminate any SCSI command at the
end of the current transfer phase
The BME (Buffer Memory Parity Error) bit in the SCSI Status
register should be set to ‘‘1’’ also
Invalid Command
(100)
An invalid command for the present mode of the chip was
received in the SCSI Command register It is not guaranteed
that all invalid commands will be detected You should NEV-
ER issue an invalid command
Clearing an ‘‘Invalid Command’’ interrupt is a two-step pro-
cess First the APE (Arbitration Phase Enable) bit in the
SCSI Operation register should be modified twice (set then
reset or reset then set) Second clear the interrupt by writ-
ing the three-bit pattern (100) back to the SCSI Interrupt
register
Uncompleted Command
(101)
In Target mode this interrupt occurs when an Initiator sends
something unexpected For example the ATN signal re-
mains asserted after the first mesage byte in combination
commands or something other than a SCSI read command
is received in a Wait for SelectDisconnect command
When this completion interrupt is generated the SCSI
Status register will freeze in the state in which the SCSI bus
was in when the ‘‘Uncompleted Command’’ interrupt was
generated While in Initiator mode the actual phase may
now differ
When the ‘‘Uncompleted Command’’ interrupt is cleared
the SCSI Status register will return to normal operation and
will reflect the current status of the SCSI bus
The unexpected events include
 While executing a ‘‘Wait for SelectDisconnect’’ com-
mand if a non-read SCSI Command Descriptor Block is
received
 While executing a ‘‘Wait for Select’’ type command if a
message byte other than Identify is received or if a re-
served bit is not zero
 While executing a ‘‘Wait for Select’’ type command if the
first byte of the Command Descriptor Block does not
map to a Group 0 1 2 or 5 type command
 While executing any command if the ATN signal remains
asserted after the trailing edge of ACK on the last byte of
the Message Out phase
 While executing a Message Out phase if the ATN signal
is deasserted before the leading edge of the REQ for the
last byte
 While executing any information transfer phase if the
ATN signal is asserted
 While executing a Reselect combination command if the
ATN signal is asserted during the Reselection phase if
the SE (Stop Enable) bit in the SCSI Operation register is
set to ‘‘1’’
 While in a Message Out phase if the ATN signal be-
comes deasserted after REQ is false and while ACK is
true
 While in a Message Out phase if the ATN signal be-
comes deasserted after both REQ and ACK are false
In the Initiator mode this interrupt will occur for an unex-
pected bus free condition It will also occur if the bus phase
changes after the first REQ is received The DP84967 rec-
ords the SCSI bus phase when the Target asserts REQ Any
change of the bus phase with REQ asserted will immediate-
ly terminate the current command with this interrupt
(Re)Selected
(110)
This interrupt could be generated without any SCSI com-
mand being issued The moment Automatic mode is en-
abled the DP84967 is susceptible to being (re)selected It
is also possible to (re)select the DP84967 after a SCSI
command has been issued by the processor
If the
DP84967 loses Arbitration and the winning device chooses
to select the DP84967 the chip will allow this and respond
properly
This interrupt will usually be unexpected and tell the proces-
sor that the DP84967 has responded to a Selection As a
Target the ATN line must be checked after receiving this
interrupt to determine if a Message Out phase is required
As an Initiator this interrupt would indicate a Reselection
from a Target
If a ‘‘Wait for Select’’ type command is currently executing
and waiting to be Selected it will terminate with an ‘‘Opera-
tion Complete’’ interrupt not a ‘‘(Re)Selected’’ interrupt
SCI Bus Reset
(111)
This interrupt could be generated without any SCSI com-
mand being issued A reset signal greater than one BCLK
period in length was received on the SCSI bus
The
DP84967 is now in Bus Free phase and any command
pending or executing has been terminated
Buffered Interrupts
The 3-bit Interrupt Code field can only present one type of
Interrupt at one time There may be occasions where more
than one interrupt has occurred If this is true then the first
interrupt that occurred will be reported by the Interrupt Code
field The second interrupt will be buffered internally When
the first completion code is cleared the buffered completion
code will be reported in the Interrupt Code field The SINT
pin will pulse inactive for a short period of time between
interrupts
The exception to this is the ‘‘No Error’’ completion interrupt
If this interrupt is generated it need not be cleared before
another completion interrupt is generated A new comple-
tion interrupt will overwrite any pending ‘‘No Error’’ comple-
tion interrupt This is summarized in Table 427
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com