Electronic Components Datasheet Search
  English  ▼

X  

DP8496 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8496
Description  SCSI-2 Disk Data Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8496 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button DP8496 Datasheet HTML 81Page - National Semiconductor (TI) DP8496 Datasheet HTML 82Page - National Semiconductor (TI) DP8496 Datasheet HTML 83Page - National Semiconductor (TI) DP8496 Datasheet HTML 84Page - National Semiconductor (TI) DP8496 Datasheet HTML 85Page - National Semiconductor (TI) DP8496 Datasheet HTML 86Page - National Semiconductor (TI) DP8496 Datasheet HTML 87Page - National Semiconductor (TI) DP8496 Datasheet HTML 88Page - National Semiconductor (TI) DP8496 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 92 page
background image
70 AC Specifications (Continued)
727 SCSI ASYNCHRONOUS INFORMATION OUT PHASE AS INITIATOR
TLF11212 – 61
ID
Symbol
Parameter
Min
Typ
Max
Units
271
iodz
IO Valid to SCSI Data Valid
45
ns
272
pcreq
Phase Change to REQ
50
ns
273
sds
Data Setup to ACK
(Note 4)
ns
274
reqlackl
REQ Low to ACK Low (Note 1)
90
235
ns
275
sdh
Data Hold from REQ
0ns
276
reqhackh
REQ High to ACK High (Note 3)
40
60
ns
277
phack
Phase Hold from ACK High
0
ns
Note 1
Transfer Period (in Synchronous Transfer register) e 0 If Transfer Period e 1 then add an additional bcp
Note 2
bcp refers to the BCLK period in use This formula is tested only at the frequencies listed in Table 81
Note 3
This value is not valid for the very last transfer ACK will stay asserted
Note 4
This value is programmable It is a functon of the BCLK Frequency bits in SUP1 register and the SCSI clock bits in SDIF2 register
The SCSI 1 specification (including cable skew) is 55 ns The SCSI 2 specification (including cable skew) is 25 ns
SCSI Clock Bits (10)
00
01
11
10
BCLK
00
10
10
20
15
Freq
01
15
10
20
15
(10)
10
15
10
20
15
11
15
10
20
15
Where 10 is defined as bcp b k k is a characterization constant
Where 15 is defined as bcp a bc b k bc is either bcl or bch
Where 20 is defined as 2 bcp b k k is a characterization constant
All SCSI signals are active-high on the DP8497
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com